Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62262DDCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262DDCT
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262DDCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62262DDCT Datasheet HTML 6Page - Texas Instruments TPS62262DDCT Datasheet HTML 7Page - Texas Instruments TPS62262DDCT Datasheet HTML 8Page - Texas Instruments TPS62262DDCT Datasheet HTML 9Page - Texas Instruments TPS62262DDCT Datasheet HTML 10Page - Texas Instruments TPS62262DDCT Datasheet HTML 11Page - Texas Instruments TPS62262DDCT Datasheet HTML 12Page - Texas Instruments TPS62262DDCT Datasheet HTML 13Page - Texas Instruments TPS62262DDCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TimeBase-20 s/Div
m
V
3.6V
V
1.5V
I
50mA to200mA
MODE=
IN
OUT
OUT
V
IN
I
200mA/Div
OUT
V
50mV/Div
OUT
I
COIL
500mA/Div
TimeBase-20
s/Div
m
I
200mA/Div
OUT
V
50mV/Div
OUT
I
COIL
500mA/Div
200mA
400mA
V
3.6V
V
1.5V
I
200mA to400mA
IN
OUT
OUT
V
V
I
IN
OUT
OUT
3.6V
1.5V
150
A to400mA
MODE=GND
m
V
OUT
50mV/Div
I
COILl
500mA/Div
TimeBase
500
s/Div
m
SW2V/Div
I
OUT
500mA/Div
150
A
m
400mA
V
3.6V
V
1.5V
I
150
A to400mA
MODE=GND
IN
OUT
OUT
m
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
500
s/Div
m
SW2V/Div
I
500mA/Div
OUT
150
A
m
400mA
TPS62260, TPS62261
TPS62262, TPS62263
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
LOAD TRANSIENT
LOAD TRANSIENT
(Forced PWM Mode)
(Forced PWM Mode)
Figure 17.
Figure 18.
LOAD TRANSIENT
LOAD TRANSIENT
(PFM Mode To PWM Mode)
(PWM Mode To PFM Mode)
Figure 19.
Figure 20.
10
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62262DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262DRV TI-TPS62262DRV Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVR TI-TPS62262DRVR Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVR TI-TPS62262DRVR Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVRG4 TI-TPS62262DRVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62262DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com