Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61311 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61311 Datasheet HTML 1Page - Texas Instruments TPS61311 Datasheet HTML 2Page - Texas Instruments TPS61311 Datasheet HTML 3Page - Texas Instruments TPS61311 Datasheet HTML 4Page - Texas Instruments TPS61311 Datasheet HTML 5Page - Texas Instruments TPS61311 Datasheet HTML 6Page - Texas Instruments TPS61311 Datasheet HTML 7Page - Texas Instruments TPS61311 Datasheet HTML 8Page - Texas Instruments TPS61311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED CURRENT REGULATOR
0.4V
≤ VLED1/3 ≤ 2.0V,
–10
+10
%
0mA
≤ ILED1/3 ≤ 100mA, TJ = +85°C
LED1/3 current accuracy(1)
0.4V
≤ VLED1/3 ≤ 2.0V,
–7.5
+7.5
%
100mA < ILED1/3 ≤ 400mA, TJ = +85°C
0.4V
≤ VLED2 ≤ 2.0V,
–10
+10
%
0mA
≤ ILED2 ≤ 250mA, TJ = +85°C
LED2 current accuracy(1)
0.4V
≤ VLED2 ≤ 2.0V,
–7.5
+7.5
%
250mA
≤ ILED2 ≤ 800mA, TJ = +85°C
LED1/3 current matching(1)
–10
+10
%
LED1/2/3 current temperature
0.05
%/°C
coefficient
1.5V
≤ (VIN-VINDLED) ≤ 2.5V
INDLED current accuracy
–20
+20
%
2.6mA
≤ IINDLED ≤ 15.8mA, TJ = +25°C
INDLED current temperature
0.05
%/°C
coefficient
LED1/2/3 sense voltage
ILED1-3 = full-scale current
400
mV
VDO
VOUT dropout voltage
IOUT = -15.8mA, TJ = +25°C, device not switching
250
mV
LED1/2/3 input leakage current
VLED1/2/3 = VOUT = 5V, –40°C ≤ TJ ≤ +85°C
0.1
4
μA
INDLED input leakage current
VINDLED = 0V, –40°C ≤ TJ ≤ +85°C
0.1
1
μA
LED TEMPERATURE MONITORING
IO(TS) Temperature Sense Current Source
Thermistor bias current
23.8
μA
TS Resistance (Warning
LEDWARN bit = 1
39
44.5
50
k
Temperature)
TS Resistance (Hot Temperature)
LEDHOT bit = 1
12.5
14.5
16.5
k
SDA, SCL, GPIO/PG, Tx-MASK, STRB0, STRB1, NRESET
V(IH)
High-level input voltage
1.2
V
V(IL)
Low-level input voltage
0.4
V
Low-level output voltage (SDA)
IOL = 8mA
0.3
V
V(OL)
Low-level output voltage (GPIO)
DIR = 1, IOL = 5mA
0.3
V
V(OH) High-level output voltage (GPIO)
DIR = 1, GPIOTYPE = 0, IOH = 8mA
VIN–0.4
V
I(LKG) Logic input leakage current
Input connected to VIN or GND, –40°C
≤ TJ ≤ +85°C
0.01
0.1
μA
STRB0, STRB1 pull-down resistance
STRB0, STRB1
≤ 0.4 V
400
k
RPD
NRESET pull-down resistance
NRESET
≤ 0.4 V
400
k
Tx-MASK pull-down resistance
Tx-MASK
≤ 0.4 V
400
k
SDA Input Capacitance
SDA = VIN or GND
9
pF
SCL Input Capacitance
SCL = VIN or GND
4
pF
GPIO/PG Input Capacitance
DIR = 0, GPIO/PG = VIN or GND
9
pF
C(IN)
STRB0 Input Capacitance
STRB0 = VIN or GND
3
pF
STRB1 Input Capacitance
STRB1 = VIN or GND
3
pF
NRESET Input Capacitance
NRESET = VIN or GND
3.5
pF
Tx-MASK Input Capacitance
Tx-MASK = VIN or GND
4
pF
(1)
Verified by characterization. Not tested in production.
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311


Similar Part No. - TPS61311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61311 TI-TPS61311 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61311YFF TI-TPS61311YFF Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
OSRAM GmbH
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
   Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
   Camera Flash and Video Light
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
   Camera Flash and Video Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com