Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61305A Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61305A
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61305A Datasheet(HTML) 1 Page - Texas Instruments

  TPS61305A Datasheet HTML 1Page - Texas Instruments TPS61305A Datasheet HTML 2Page - Texas Instruments TPS61305A Datasheet HTML 3Page - Texas Instruments TPS61305A Datasheet HTML 4Page - Texas Instruments TPS61305A Datasheet HTML 5Page - Texas Instruments TPS61305A Datasheet HTML 6Page - Texas Instruments TPS61305A Datasheet HTML 7Page - Texas Instruments TPS61305A Datasheet HTML 8Page - Texas Instruments TPS61305A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
VOUT
AVIN
SW
C
I
SW
LED1
C
O
10 mF
PGND
PGND
AGND
L
2.2 H
m
SDA
SCL
TPS61300
LED2
LED3
D2
2.5 V..5.5 V
ENDCL
FLASH_SYNC
Tx- MASK
GPIO/PG
ENVM
INDLED
Privacy
Indicator
CAMERA ENGINE
I2CI/F
HC_SEL
BAL
FLASHREADY
PHONEPOWERON
1.8 V
D1
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Check for Samples: TPS61300, TPS61301, TPS61305, TPS61305A
1
FEATURES
DESCRIPTION
The TPS6130x device is based on a high-frequency
23
Four Operational Modes
synchronous boost topology with constant current
DC Light and Flashlight
sinks to drive up to three white LEDs in parallel
Voltage Regulated Converter: 3.8V...5.7V
(400mA/800mA/400mA maximum flash current). The
extended high-current mode (HC_SEL) allows up
Standby: 2
μA (typ.)
to 1025mA/2050mA/1025mA flash current out of
Storage Capacitor Friendly Solution
the storage capacitor.
Automatic VF and ESR Calibration
The high-capacity storage capacitor on the output of
Power-Save Mode for Improved Efficiency at
the boost regulator provides the high-peak flash LED
Low Output Power, Up to 95% Efficiency
current, thereby reducing the peak current demand
Output Voltage Remains Regulated When
from the battery to a minimum.
Input Voltage Exceeds Nominal Output Voltage
The 2-MHz switching frequency allows the use of
I2C Compatible Interface up to 3.4Mbits/s
small and low profile 2.2
μH inductors. To optimize
overall efficiency, the device operates with a 400mV
Zero Latency Tx-Masking Input
LED feedback voltage.
Hardware Voltage Mode Selection Input
(TPS61300, TPS61301)
The TPS6130x device not only operates as a
regulated current source, but also as a standard
DC Light Mode Selection Input
voltage boost regulator. The device keeps the output
(TPS61300, TPS61306)
voltage regulated even when the input voltage
Hardware Reset Input (TPS61301, TPS61305)
exceeds the nominal output voltage. The device
LED Temperature Monitoring (TPS61305)
enters power-save mode operation at light load
currents to maintain high efficiency over the entire
Privacy Indicator LED Output
load current range.
Integrated LED Safety Timer
To simplify flashlight synchronization with the camera
Total Solution Size of Less Than 25 mm2
module,
the
device
offers
a
trigger
pin
(<1mm height)
(FLASH_SYNC) for zero latency LED turn-on time.
Available in a 20-Pin NanoFree™ (CSP)
APPLICATIONS
Single/Dual/Triple White LED Flashlight Supply
for Cell Phones and Smart-Phones
LED Based Xenon "Killer" Flashlight
Audio Amplifier Power Supply
Figure 1. Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61305A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61305 TI-TPS61305 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFR TI1-TPS61305YFFR Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61305YFFT TI1-TPS61305YFFT Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Similar Description - TPS61305A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
   High power white LED driver with I2CTM interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com