Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65141PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65141PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65141PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS65141PWPR Datasheet HTML 1Page - Texas Instruments TPS65141PWPR Datasheet HTML 2Page - Texas Instruments TPS65141PWPR Datasheet HTML 3Page - Texas Instruments TPS65141PWPR Datasheet HTML 4Page - Texas Instruments TPS65141PWPR Datasheet HTML 5Page - Texas Instruments TPS65141PWPR Datasheet HTML 6Page - Texas Instruments TPS65141PWPR Datasheet HTML 7Page - Texas Instruments TPS65141PWPR Datasheet HTML 8Page - Texas Instruments TPS65141PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
FB1
FB4
BASE
VIN
SW
SW
PGND
PGND
SUP
PG
GND
FB3
EN
ENR
COMP
FB2
REF
GND
DRV
C1−
C1+
C2−/MODE
C2+
OUT3
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9 10 11 12
19
20
21
22
23
24
Exposed
Thermal Die*
COMP
ENR
EN
FB1
FB4
BASE
C2−/MODE
C2+
OUT3
FB3
GND
PG
PWP PACKAGE
TOP VIEW
RGE PACKAGE
TOP VIEW
TPS65140, TPS65141
TPS65145
www.ti.com
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
Vin = 3.3 V, EN = VIN, VO1 = 10 V, TA= -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D1 – D4 Shottky diode
Vd
ID1-D4 = 40 mA
610
720
mV
forward voltage
IO
Maximum output current
20
mA
10 V
≤ VO1 ≤ 15 V, Iload = 10 mA,
Line regulation
0.56
%/V
VO3 = 27 V
Load regulation
1 mA
≤ IO ≤ 20 mA, VO3 = 27 V
0.05
%/mA
LINEAR REGULATOR CONTROLLER VO4
VO4
Output voltage
4.5 V
≤ VI ≤ 5.5 V; 10 mA ≤ IO ≤ 500 mA
3.2
3.3
3.4
V
Vin-VO4-VBE ≥ 0.5 V
(1)
13.5
19
Maximum base drive
IBASE
mA
current
Vin-VO4-VBE ≥ 0.75 V
(1)
20
27
Line regulation
4.75 V
≤ VI ≤ 5.5 V, Iload = 500 mA
0.186
%/V
Load regulation
1 mA
≤ IO ≤ 500 mA, VI = 5 V
0.064
%/A
Start up current
VO4 ≤ 0.8 V
11
20
25
mA
SYSTEM POWER GOOD (PG)
V(PG, Vo1)
-12
-8.75% VO1
-6
V
V(PG, Vo2)
Power good threshold(2)
-13
-9.5% VO2
-5
V
V(PG, Vo3)
-11
-8% VO3
-5
V
VOL
PG output low voltage
I(sink) = 500 μA
0.3
V
IL
PG output leakage current
VPG = 5 V
0.001
1
µA
(1)
With VI = supply voltage of the TPS6514x, VO4 = output voltage of the regulator, VBE = basis emitter voltage of external transistor.
(2)
The power good goes high when all 3 outputs (VO1, VO2, VO3) are above their threshold. The power good goes low as soon as one of
the outputs is below their threshold.
DEVICE INFORMATION
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65141PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPRG4 TI-TPS65141PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65141PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com