Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRR1206-2R5ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1206-2R5ML
Description  Shielded High Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1206-2R5ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1206-2R5ML Datasheet HTML 1Page - Bourns Electronic Solutions SRR1206-2R5ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SRR1206 Series - Shielded High Power Inductors
101
6.0
(.236)
12.7 ± 0.3
(.500 ± .012)
4.0
(.157)
5.0 ± 0.2
(.197 ± .007)
2.3 ± 0.2
(.091 ± .007)
7.0
(.276)
6.5
(.256)
MAX.
12.7 ± 0.3
(.500 ± .012)
Features
Available in E12 series
Unit height of 6.5 mm
Current up to 6 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
Electrical Schematic
General Specifications
Test Voltage........................................1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core.....................Ferrite DR and RI core
Wire .............................Enameled copper
Base ......................................LCP E4008
Terminal ....................................Cu/Ni/Sn
Rated Current..Ind. drop 10 % typ. at Isat
Temperature Rise
......................40 °C max. at rated Irms
Packaging.....................600 pcs. per reel
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(mΩ)
(A)
(A)
SRR1206-2R5ML
2.5
± 20
19
7.96M
30.0
16
6.20
10.00
SRR1206-3R3ML
3.3
± 20
20
7.96M
26.0
18.5
5.80
5.40
SRR1206-5R0ML
5.0
± 20
21
7.96M
25.0
22
4.70
8.30
SRR1206-7R5ML
7.5
± 20
22
7.96M
22.0
25
3.80
6.90
SRR1206-100ML
10
± 20
18
2.52M
18.0
35
3.30
5.70
SRR1206-120ML
12
± 20
18
2.52M
17.0
38
3.00
5.50
SRR1206-150ML
15
± 20
19
2.52M
16.0
42
2.80
5.10
SRR1206-180ML
18
± 20
19
2.52M
14.0
50
2.50
4.70
SRR1206-220ML
22
± 20
21
2.52M
11.0
62
2.30
3.80
SRR1206-270ML
27
± 20
21
2.52M
10.0
68
2.00
3.70
SRR1206-330YL
33
± 15
21
2.52M
9.0
90
1.90
3.10
SRR1206-390YL
39
± 15
23
2.52M
9.0
100
1.75
3.00
SRR1206-470YL
47
± 15
22
2.52M
7.0
130
1.60
2.50
SRR1206-560YL
56
± 15
21
2.52M
7.0
155
1.45
2.50
SRR1206-680YL
68
± 15
18
2.52M
7.0
170
1.30
2.20
SRR1206-820YL
82
± 15
16
2.52M
6.0
185
1.20
2.10
SRR1206-101YL
100
± 15
13
0.796M
6.0
220
1.10
1.90
SRR1206-121YL
120
± 15
13
0.796M
5.0
260
1.00
1.80
SRR1206-151KL
150
± 10
13
0.796M
5.0
320
0.90
1.60
SRR1206-181KL
180
± 10
12
0.796M
4.5
380
0.80
1.30
SRR1206-221KL
220
± 10
11
0.796M
4.0
460
0.70
1.20
SRR1206-271KL
270
± 10
11
0.796M
3.5
520
0.65
1.10
SRR1206-331KL
330
± 10
11
0.796M
3.0
660
0.60
1.00
SRR1206-391KL
390
± 10
13
0.796M
2.5
870
0.55
0.95
SRR1206-471KL
470
± 10
12
0.796M
2.5
970
0.50
0.83
SRR1206-561KL
560
± 10
13
0.796M
2.0
1320
0.45
0.80
SRR1206-681KL
680
± 10
11
0.796M
2.0
1500
0.40
0.70
SRR1206-821KL
820
± 10
10
0.796M
2.0
1700
0.35
0.65
SRR1206-102KL
1000
± 10
10
0.252M
1.8
2300
0.30
0.54
SRR1206-122KL
1200
± 10
10
0.252M
1.5
2650
0.25
0.51
SRR1206-152KL
1500
± 10
10
0.252M
1.2
3500
0.20
0.42
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRR1206-2R5ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1206-2R5ML BOURNS-SRR1206-2R5ML Datasheet
422Kb / 2P
   Shielded High Power Inductors
More results

Similar Description - SRR1206-2R5ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1205 BOURNS-SRR1205 Datasheet
417Kb / 2P
   Shielded High Power Inductors
SRR1208 BOURNS-SRR1208 Datasheet
1Mb / 2P
   Shielded High Power Inductors
SRR1205 BOURNS-SRR1205_11 Datasheet
330Kb / 2P
   Shielded High Power Inductors
SRR1206 BOURNS-SRR1206 Datasheet
422Kb / 2P
   Shielded High Power Inductors
logo
Coilcraft lnc.
XAL60 COILCRAFT-XAL60 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL7030 COILCRAFT-XAL7030 Datasheet
236Kb / 4P
   High Temperature Shielded Power Inductors
XAL7070 COILCRAFT-XAL7070 Datasheet
208Kb / 4P
   High Temperature Shielded Power Inductors
XAL1010 COILCRAFT-XAL1010 Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
XAL1060 COILCRAFT-XAL1060 Datasheet
201Kb / 3P
   High Temperature Shielded Power Inductors
XAL40 COILCRAFT-XAL40 Datasheet
263Kb / 3P
   High Temperature Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com