Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD590JH Datasheet(PDF) 1 Page - Analog Devices

Part # AD590JH
Description  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590JH Datasheet(HTML) 1 Page - Analog Devices

  AD590JH Datasheet HTML 1Page - Analog Devices AD590JH Datasheet HTML 2Page - Analog Devices AD590JH Datasheet HTML 3Page - Analog Devices AD590JH Datasheet HTML 4Page - Analog Devices AD590JH Datasheet HTML 5Page - Analog Devices AD590JH Datasheet HTML 6Page - Analog Devices AD590JH Datasheet HTML 7Page - Analog Devices AD590JH Datasheet HTML 8Page - Analog Devices AD590JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-Terminal IC
Temperature Transducer
Data Sheet
AD590
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Linear current output: 1 μA/K
Wide temperature range: −55°C to +150°C
Probe-compatible ceramic sensor package
2-terminal device: voltage in/current out
Laser trimmed to ±0.5°C calibration accuracy (AD590M)
Excellent linearity: ±0.3°C over full range (AD590M)
Wide power supply range: 4 V to 30 V
Sensor isolation from case
Available in 2-lead FLATPACK, 4-lead LFCSP, 3-pin TO-52,
8-lead SOIC, and die form
GENERAL DESCRIPTION
The AD590 is a 2-terminal integrated circuit temperature trans-
ducer that produces an output current proportional to absolute
temperature. For supply voltages between 4 V and 30 V, the device
acts as a high impedance, constant current regulator passing
1 μA/K. Laser trimming of the chip’s thin-film resistors is used
to calibrate the device to 298.2 μA output at 298.2 K (25°C).
The AD590 should be used in any temperature-sensing
application below 150°C in which conventional electrical
temperature sensors are currently employed. The inherent
low cost of a monolithic integrated circuit combined with the
elimination of support circuitry makes the AD590 an attractive
alternative for many temperature measurement situations.
Linearization circuitry, precision voltage amplifiers, resistance
measuring circuitry, and cold junction compensation are not
needed in applying the AD590.
In addition to temperature measurement, applications include
temperature compensation or correction of discrete components,
biasing proportional to absolute temperature, flow rate measure-
ment, level detection of fluids and anemometry. The AD590 is
available in die form, making it suitable for hybrid circuits and
fast temperature measurements in protected environments.
The AD590 is particularly useful in remote sensing applications.
The device is insensitive to voltage drops over long lines due to
its high impedance current output. Any well-insulated twisted
pair is sufficient for operation at hundreds of feet from the
receiving circuitry. The output characteristics also make the
AD590 easy to multiplex: the current can be switched by a
CMOS multiplexer, or the supply voltage can be switched by a
logic gate output.
PIN CONFIGURATIONS
Figure 1. 2-Lead
FLATPACK
Figure 2. 4-Lead LFCSP
Figure 3. 3-Pin TO-52
Figure 4. 8-Lead SOIC
PRODUCT HIGHLIGHTS
1.
The AD590 is a calibrated, 2-terminal temperature sensor
requiring only a dc voltage supply (4 V to 30 V). Costly
transmitters, filters, lead wire compensation, and lineari-
zation circuits are all unnecessary in applying the device.
2.
State-of-the-art laser trimming at the wafer level in
conjunction with extensive final testing ensures that
AD590 units are easily interchangeable.
3.
Superior interface rejection occurs because the output is a
current rather than a voltage. In addition, power
requirements are low (1.5 mW @ 5 V @ 25°C). These
features make the AD590 easy to apply as a remote sensor.
4.
The high output impedance (>10 MΩ) provides excellent
rejection of supply voltage drift. For instance, changing the
power supply from 5 V to 10 V results in only a 1 μA
maximum current change, or 1°C equivalent error.
5.
The AD590 is electrically durable: it withstands a forward
voltage of up to 44 V and a reverse voltage of 20 V.
Therefore, supply irregularities or pin reversal does not
damage the device.
+–
1
V+
2
V–
4NC
3NC
AD590
TOP VIEW
(Not to Scale)
PIN 5 (EXPOSED PAD)
NOTES
1. NC = NO CONNECT. THE NC PIN IS NOT
BONDED TO THE DIE INTERNALLY.
2. TO ENSURE CORRECT OPERATION, THE
EXPOSED PAD (EP) SHOULD BE LEFT FLOATING.
+
NC = NO CONNECT
TOP VIEW
(Not to Scale)
NC
1
V+
2
V–
3
NC
4
NC
NC
NC
NC
8
7
6
5


Similar Part No. - AD590JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
More results

Similar Description - AD590JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com