Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU1028-2R2Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU1028-2R2Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1028-2R2Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU1028-2R2Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1028-2R2Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.2
(.283)
1.8
(.071)
1.8
(.071)
3.6
(.142)
REF.
REF.
REF.
REF.
7.4
(.291)
TYP.
TYP.
10.0 ± 0.3
(.394 ± .012)
3.4
(.134)
TYP.
3.2
(.126)
TYP.
3.4
(.134)
2.8 ± 0.3
(.110 ± .012)
10.0 ± 0.3
(.394 ± .012)
Features
Available in E6 series
Unit height of 2.8 mm
Current up to 7 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU1028 Series - Shielded SMD Power Inductors
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
Electrical Specifications @ 25 °C
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging.................. 1000 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Bourns
Part Number
Inductance
@ 100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
RDC
(m
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
**K-
Factor
L (µH)
Tol.
(%)
SRU1028-1R0Y
1.0
±30
14
7.96
100.0
4.9
7.00
8.00
315
SRU1028-1R5Y
1.5
±30
12
7.96
80.0
7.3
6.50
6.50
245
SRU1028-2R2Y
2.2
±30
12
7.96
65.0
11
5.30
4.80
200
SRU1028-3R3Y
3.3
±30
14
7.96
55.0
15
4.60
4.30
169
SRU1028-4R7Y
4.7
±30
12
7.96
40.0
16
4.50
3.80
147
SRU1028-6R8Y
6.8
±30
12
7.96
30.0
15
3.50
3.00
130
SRU1028-8R2Y
8.2
±30
12
7.96
28.0
28
3.30
2.70
116
SRU1028-100Y
10.0
±30
20
7.96
25.0
40
2.80
2.40
105
SRU1028-120Y
12.0
±30
22
2.52
23.0
70
2.40
2.30
93
SRU1028-150Y
15.0
±30
26
2.52
22.0
69
2.00
2.00
82
SRU1028-220Y
22.0
±30
26
2.52
16.0
104
1.60
1.40
71
SRU1028-330Y
33.0
±30
24
2.52
12.0
139
1.25
1.20
60
SRU1028-470Y
47.0
±30
20
2.52
11.0
167
1.30
1.10
49
SRU1028-560Y
56.0
±30
22
2.52
10.0
208
1.10
1.00
43
SRU1028-680Y
68.0
±30
20
2.52
9.0
232
1.00
0.90
39
SRU1028-820Y
82.0
±30
20
2.52
8.0
323
0.90
0.85
36
SRU1028-101Y
100.0
±30
20
0.796
7.0
365
0.85
0.80
33
SRU1028-121Y
120.0
±30
18
0.796
6.0
428
0.65
0.70
31
SRU1028-151Y
150.0
±30
18
0.796
5.0
518
0.70
0.65
27
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
Core Loss vs. Flux Density
Flux Density Bp-p (gauss)
100
1000
10000
10
100
1000
1 MHz
500 KHz
300 KHz
200 KHz
100 KHz
50 KHz
10000
1
0.1
100


Similar Part No. - SRU1028-2R2Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1028-2R2Y BOURNS-SRU1028-2R2Y Datasheet
155Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU1028-2R2Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com