Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD706AR-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD706AR-REEL7
Description  Dual Picoampere Input Current Bipolar Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706AR-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD706AR-REEL7 Datasheet HTML 1Page - Analog Devices AD706AR-REEL7 Datasheet HTML 2Page - Analog Devices AD706AR-REEL7 Datasheet HTML 3Page - Analog Devices AD706AR-REEL7 Datasheet HTML 4Page - Analog Devices AD706AR-REEL7 Datasheet HTML 5Page - Analog Devices AD706AR-REEL7 Datasheet HTML 6Page - Analog Devices AD706AR-REEL7 Datasheet HTML 7Page - Analog Devices AD706AR-REEL7 Datasheet HTML 8Page - Analog Devices AD706AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. E
AD706
–5–
FREQUENCY – Hz
1000
100
1
110
1000
100
10
TPC 10. Input Noise Voltage
Spectral Density
SUPPLY VOLTAGE –
Volts
1000
600
0
510
15
20
800
900
700
+125 C
–55 C
+25 C
TPC 13. Quiescent Supply
Current vs. Supply Voltage
LOAD RESISTANCE – k
10M
1M
100k
12
4
6 8 10
100
+125 C
+25 C
–55 C
TPC 16. Open-Loop Gain vs. Load
Resistance vs. Load Resistance
FREQUENCY – Hz
1000
100
1
110
1000
100
10
100
10k
20M
V
OUT
TPC 11. Input Noise Current
Spectral Density
FREQUENCY – Hz
160
0
0.1
110
100
10k
120
140
100
100k
80
60
1M
40
20
1k
TPC 14. Common-Mode Rejection
Ratio vs. Frequency
FREQUENCY – Hz
140
–20
0.01 0.1
1
10
1k
100
120
80
10k
60
40
1M
20
0
100
100k
10M
GAIN
PHASE
0
30
60
90
120
150
180
210
240
TPC 17. Open-Loop Gain and
Phase Shift vs. Frequency
TIME – Seconds
0
5
10
0.5 V
TPC 12. 0.1 Hz to 10 Hz
Noise Voltage
FREQUENCY – Hz
180
20
0.1
110
100
10k
140
160
120
100k
100
80
1M
60
40
1k
+ PSRR
– PSRR
TPC 15. Power Supply Rejection
Ratio vs. Frequency
SUPPLY VOLTAGE –
Volts
+VS
0
510
15
20
–1.5
–1.0
–0.5
+1.0
+0.5
+1.5
–VS
TPC 18. Output Voltage Swing vs.
Supply Voltage


Similar Part No. - AD706AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD706AR-REEL7 AD-AD706AR-REEL7 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR-REEL7 AD-AD706AR-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR-REEL7 AD-AD706AR-REEL7 Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results

Similar Description - AD706AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706_02 Datasheet
350Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. D
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com