Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD813ANZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD813ANZ
Description  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813ANZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD813ANZ Datasheet HTML 2Page - Analog Devices AD813ANZ Datasheet HTML 3Page - Analog Devices AD813ANZ Datasheet HTML 4Page - Analog Devices AD813ANZ Datasheet HTML 5Page - Analog Devices AD813ANZ Datasheet HTML 6Page - Analog Devices AD813ANZ Datasheet HTML 7Page - Analog Devices AD813ANZ Datasheet HTML 8Page - Analog Devices AD813ANZ Datasheet HTML 9Page - Analog Devices AD813ANZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD813
REV. B
–6–
METALIZATION PHOTO
Dimensions shown in inches and (mm).
2.5
0.5
–50
80
2.0
1.0
–40
1.5
010
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE – C
14-LEAD SOIC
TJ = +150 C
14-LEAD DIP PACKAGE
Figure 3. Maximum Power Dissipation vs. Ambient
Temperature
Maximum Power Dissipation
The maximum power that can be safely dissipated by the
AD813 is limited by the associated rise in junction temperature.
The maximum safe junction temperature for the plastic encap-
sulated parts is determined by the glass transition temperature
of the plastic, about 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175
°C for an extended period can result
in device failure.
While the AD813 is internally short circuit protected, this may
not be enough to guarantee that the maximum junction tem-
perature (150
°C) is not exceeded under all conditions. To
ensure proper operation, it is important to observe the derating
curves.
It must also be noted that in (noninverting) gain configurations
(with low values of gain resistor), a high level of input overdrive
can result in a large input error current, which may result in a
significant power dissipation in the input stage. This power
must be included when computing the junction temperature rise
due to total internal power.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD813 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
12
+IN2
10
+IN3
VS
11
VS
11
VS
11
9 –IN3
8 OUT3
6
–IN1
5
+IN1
4
VS+
DISABLE1 1
OUT2 14
–IN2 13
7 OUT1
DISABLE2 2
3
DISABLE3
0.057
(1.45)
0.124
(3.15)


Similar Part No. - AD813ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
More results

Similar Description - AD813ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com