Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7224UE Datasheet(PDF) 4 Page - Analog Devices

Part # AD7224UE
Description  LC2MOS 8-Bit DAC with Output Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7224UE Datasheet(HTML) 4 Page - Analog Devices

  AD7224UE Datasheet HTML 1Page - Analog Devices AD7224UE Datasheet HTML 2Page - Analog Devices AD7224UE Datasheet HTML 3Page - Analog Devices AD7224UE Datasheet HTML 4Page - Analog Devices AD7224UE Datasheet HTML 5Page - Analog Devices AD7224UE Datasheet HTML 6Page - Analog Devices AD7224UE Datasheet HTML 7Page - Analog Devices AD7224UE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7224
REV. B
–4–
ABSOLUTE MAXIMUM RATINGS
1
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +24 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VOUT to AGND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Power Dissipation (Any Package) to +75
°C . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (K, L Versions) . . . . . . . . . . . –40
°C to +85°C
Industrial (B, C Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (T, U Versions) . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2The outputs may be shorted to AGND provided that the power dissipation of the
package is not exceeded. Typically short circuit current to AGND is 60 mA.
ORDERING GUIDE
Total
Temperature
Unadjusted
Package
Model
1
Range
Error (LSB)
Option
2
AD7224KN
–40
°C to +85°C
±2 max
N-18
AD7224LN
–40
°C to +85°C
±1 max
N-18
AD7224KP
–40
°C to +85°C
±2 max
P-20A
AD7224LP
–40
°C to +85°C
±1 max
P-20A
AD7224KR-1
–40
°C to +85°C
±2 max
R-20
AD7224LR-1
–40
°C to +85°C
±1 max
R-20
AD7224KR-18
–40
°C to +85°C
±2 max
R-18
AD7224LR-18
–40
°C to +85°C
±1 max
R-18
AD7224BQ
–40
°C to +85°C
±2 max
Q-18
AD7224CQ
–40
°C to +85°C
±1 max
Q-18
AD7224TQ
–55
°C to +125°C ±2 max
Q-18
AD7224UQ
–55
°C to +125°C ±1 max
Q-18
AD7224TE
–55
°C to +125°C ±2 max
E-20A
AD7224UE
–55
°C to +125°C ±1 max
E-20A
NOTES
1To order MIL-STD-883 processed parts, add /883B to part number.
Contact your local sales office for military data sheet.
2E = Leadless Ceramic Chip Carrier; N = Plastic DIP;
P = Plastic Leaded Chip Carrier; Q = Cerdip; R = SOIC.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7224 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
DIP and SOIC
(SOIC)
(SOIC)
VSS
VOUT
VDD
RESET
DGND
(MSB) DB7
DB6
DB0 (LSB)
DB1
VREF
AGND
LDAC
DB5
DB2
DB4
DB3
CS
WR
1
2
18
17
5
6
7
14
13
12
3
4
16
15
811
910
TOP VIEW
(Not to Scale)
AD7224
VSS
VOUT
VDD
RESET
DGND
(MSB) DB7
DB6
DB0 (LSB)
DB1
VREF
AGND
LDAC
DB5
DB2
DB4
DB3
CS
WR
1
2
18
17
5
6
7
14
13
12
3
4
16
15
811
9
10
TOP VIEW
(Not to Scale)
AD7224
R-18
NC = NO CONNECT
VSS
VOUT
VDD
RESET
DGND
(MSB) DB7
DB6
CS
DB0 (LSB)
DB1
VREF
AGND
LDAC
WR
DB5
DB2
DB4
DB3
NC
NC
1
2
20
19
5
6
7
16
15
14
3
4
18
17
8
13
9
12
10
11
TOP VIEW
(Not to Scale)
AD7224
R-20
LCCC
PLCC
NC = NO CONNECT
VREF
AGND
DB6
DGND
(MSB) DB7
LDAC
WR
DB1
CS
DB0 (LSB)
19
3
1
220
4
5
8
6
7
12 13
911
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
AD7224
NC = NO CONNECT
VREF
AGND
DB6
DGND
(MSB) DB7
LDAC
WR
DB1
CS
DB0 (LSB)
19
31
2
20
4
5
8
6
7
12
13
9
11
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
AD7224


Similar Part No. - AD7224UE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224UE AD-AD7224UE Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
More results

Similar Description - AD7224UE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224 AD-AD7224_15 Datasheet
231Kb / 8P
   LC MOS 8-Bit DAC with Output Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com