Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8602AR-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8602AR-REEL7
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602AR-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8602AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8602AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
±6 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
ESD
2 kV HBM
θJA is specified for worst-case conditions, that is, a device
soldered onto a circuit board for surface-mount packages using
a standard 4-layer board.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ)
190
92
°C/W
8-Lead SOIC (R)
120
45
°C/W
8-Lead MSOP (RM)
142
45
°C/W
14-Lead SOIC (R)
115
36
°C/W
14-Lead TSSOP (RU)
112
35
°C/W
16-Lead QSOP (RQ)
115
36
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD8602AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

Similar Description - AD8602AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com