Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU6011-2R7Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU6011-2R7Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU6011-2R7Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU6011-2R7Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU6011-2R7Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REF.
REF.
REF.
REF.
REF.
4.90
(.193)
2.40
(.094)
REF.
2.40
(.094)
1.10
(.043)
1.10
(.043)
REF.
1.10
(.043)
REF.
1.10
(.043)
4.90
(.193)
6.50 ± 0.30
(.256 ± .012)
6.20 ± 0.30
(.244 ± .012)
1.10 ± 0.15
(.043 ± .006)
4.90
(.193)
TYP.
TYP.
2.15
(.085)
TYP.
2.20
(.087)
TYP.
2.15
(.085)
Features
Maximum height of 1.25 mm
Current up to 2.6 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU6011 Series - Shielded SMD Power Inductors
Test Voltage ....................................0.1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temp. .........-40 °C to +125 °C
(Temperature rise included)
Storage Temp. ............-40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Electrical Specifications
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current..Ind. drop 35 % typ. at Isat
Temp. Rise.......40 °C max. at rated Irms
Packaging.................. 1000 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Schematic
Bourns
Part Number
Inductance
@ 100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Typ.
(MHz)
RDC
Max.
(m
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
**K-
Factor
L
(µH)
Tol.
(%)
SRU6011-1R4Y
1.4
±30
8
7.96
140
40
2.60
1.80
707
SRU6011-2R7Y
2.7
±30
8
7.96
100
62
2.20
1.45
490
SRU6011-4R7Y
4.7
±30
8
7.96
70
86
1.80
1.10
374
SRU6011-6R8Y
6.8
±30
7
7.96
55
136
1.40
0.90
303
SRU6011-100Y
10
±30
12
2.52
45
220
1.10
0.72
236
SRU6011-150Y
15
±30
10
2.52
32
320
0.95
0.62
193
SRU6011-220Y
22
±30
10
2.52
26
390
0.80
0.48
163
SRU6011-330Y
33
±30
10
2.52
22
560
0.68
0.38
141
SRU6011-470Y
47
±30
10
2.52
20
850
0.55
0.32
112
SRU6011-680Y
68
±30
12
2.52
18
1200
0.46
0.28
92
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
100
Flux Density Bp-p (gauss)
100
1000
10
100
1000
1 MHz
500 KHz
300 KHz
200 KHz
100 KHz
50 KHz
10000
1
0.1
0.01
Core Loss vs. Flux Density


Similar Part No. - SRU6011-2R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6013-100Y BOURNS-SRU6013-100Y Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6013-150Y BOURNS-SRU6013-150Y Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6013-1R0Y BOURNS-SRU6013-1R0Y Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6013-1R5Y BOURNS-SRU6013-1R5Y Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU6011-2R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com