Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XW15203RC Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW15203RC
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW15203RC Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XW15203RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XW15203RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
6
1. Zero-power Resistance of Thermistor: R
2. B-Constant
R=R0 expB (1/T-1/T0)
..............(1)
R: Resistance in ambient temperature T (K)
(K: absolute temperature)
R0: Resistance in ambient temperature T0 (K)
B: B-Constant of Thermistor
as (1) formula
B=
Rn (R/R0) / (1/T-1/T0)
............(2)
3. Thermal Dissipation Constant
When electric power P (mW) is spent in ambient
temperature T1 and thermistor temperature rises T2,
there is a formula as follows
P=C (T2-T1)
..................(3)
C: Thermal dissipation constant (mW/
°C)
Thermal dissipation constant is varied with dimensions,
measurement conditions, etc.
4. Thermal Time Constant
Period in which Thermistor's temperature will change
63.2% of its temperature difference from ambient
temperature T0 (
°C) to T1 (°C).
Resistance vs. Temperature
!Basic Characteristics
!Performance
Thermal Time Constant
Item
Resistance
Condition
Measured by zero-power in specified ambient temperature.
Rated Electric Power
Shows the required electric power that causes Thermistor's temperature to rise to a specified temperature by self heating,
at ambient temperature of 25
°C.
Permissive Operating Current
It is possible to keep Thermistor's temperature rising max. 1˚C.
Thermal Dissipation
Constant
Shows necessary electric power that Thermistor's temperature rises 1˚C by self heating.
It is calculated by next formula (mW/˚C).
B-Constant
Calculated between two specified ambient temperatures by next formula.
T and T0 is absolute temperature (K).
Rn (R/R0)
B =
1/T
Y1/T0
P
C =
T
YT0
102
101
−20
Temperature (˚C)
0
20
40
60
80
120
100
10−2
10−1
1
B=3450
B=3900
B=4100
Basic Characteristics
T1
T0
Time
63.2%
X
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please inquire about test conditions and ratings.
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XW15203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW15203RC MURATA-NCP15XW15203RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XW15203RC MURATA-NCP15XW15203RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP15XW15203RC MURATA-NCP15XW15203RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW15203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com