Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XW33203RC Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW33203RC
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW33203RC Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XW33203RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XW33203RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
y
B0
e
160
r
L
t
BM
NT
q
w
PA7
qProduct ID
wSeries
rResistance Tolerance
tIndividual Specifications
NTC Thermistors for Inrush Current Suppression Lead Type
NT
NTC Thermistors
L
PA7
PA9
PAA
PAD
PAJ
PAN
±15%
DK
Individual Specifications
Product ID
Code
Code
Series
Resistance Tolerance
Code
(Part Number)
eResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two
figures. If there is a decimal point, it is expressed by the capital
letter "
R." In this case, all figures are significant digits.
A lead structure and other specifications are expressed
by two-digit alphanumerics.
3R0
100
Ex.
3
10
Code
Resistance
Standard (Bulk)
yPackaging
A0
B0
Ammo Pack Taping
Bulk
Code
Packaging
Body Diameter
ø18mm, ø22mm
DN
Standard (Bulk)
ø10mm, ø13mm
BM
Standard Type (Bulk)
ø7mm, ø9mm
B1
Standard Type (Ammo Pack)
ø7mm, ø9mm
D6
Standard Type (Ammo Pack) ø10mm, ø13mm
Inrush Current
Suppression
Lead Type
ø7mm
ø9mm
ø10mm
ø13mm
ø18mm
ø22mm
Nominal Body Diameter
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XW33203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW33203RC MURATA-NCP15XW33203RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XW33203RC MURATA-NCP15XW33203RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP15XW33203RC MURATA-NCP15XW33203RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW33203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com