Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK68PCS-PGA Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK68PCS-PGA
Description  PGA Adapter Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK68PCS-PGA Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK68PCS-PGA Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACCUTEKMICRO.COM 6/2004(PG01A)
0.100"
0.100"
0.100"
0.100"
0.100"
32 PIN PLCC SOCKET TO PIN GRID ARRAY
0.100"
28 PIN PLCC SOCKET TO PIN GRID ARRAY
44 PIN PLCC SOCKET TO PIN GRID ARRAY
52 PIN PLCC SOCKET TO PIN GRID ARRAY
68 PIN PLCC SOCKET TO PIN GRID ARRAY
84 PIN PLCC SOCKET TO PIN GRID ARRAY
1.365"
1.365"
PIN #1
0.062"
0.205"
TOP VIEW
BOTTOM VIEW
1.165"
1.165"
PIN #1
0.062"
0.205"
TOP VIEW
BOTTOM VIEW
0.965"
0.965"
PIN #1
0.062"
0.205"
TOP VIEW
BOTTOM VIEW
0.865"
0.865"
PIN #1
0.062"
0.205"
TOP VIEW
BOTTOM VIEW
0.062"
0.205"
TOP VIEW
BOTTOM VIEW
PIN #1
0.062"
0.205"
AK32PCS-PGA
(with PLCC Socket included)
TOP VIEW
BOTTOM VIEW
PIN #1
0.275"
0.665"
0.765"
0.665"
0.665"
0.275"
AK28PCS-PGA
(with PLCC Socket included)
0.275"
AK44PCS-PGA
(with PLCC Socket included)
AK52PCS-PGA
(with PLCC Socket included)
AK68PCS-PGA
(with PLCC Socket included)
AK84PCS-PGA
(with PLCC Socket included)
0.275"
0.275"
0.275"
A PLCC SOCKET
CAN BE ADDED
TO MOST OF OUR
PLCC TO PGA
ADAPTERS


Similar Part No. - AK68PCS-PGA

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK681024D ACCUTEK-AK681024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK68PCS-PGA

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK28PCS-PGA ACCUTEK-AK28PCS-PGA_12 Datasheet
166Kb / 3P
   PGA Adapter Modules
logo
Aries Electronics, Inc.
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
   QFP-to-PGA Adapter
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
   QFP-to-PGA Adapter
1110087 ARIES-1110087 Datasheet
855Kb / 1P
   144-Pin VQFP-to-PGA Adapter
97-68340 ARIES-97-68340 Datasheet
534Kb / 1P
   144-Pin QFP-to-PGA Adapter
95-132I25 ARIES-95-132I25 Datasheet
880Kb / 1P
   QFP-to-PGA Adapter 0.025 [0.64] Pitch
logo
ACCUTEK MICROCIRCUIT CO...
AK14Z-N ACCUTEK-AK14Z-N_09 Datasheet
232Kb / 5P
   ZIP Adapter Modules
AK54256Z ACCUTEK-AK54256Z_09 Datasheet
81Kb / 2P
   DRAM Zip Adapter Modules
logo
Aries Electronics, Inc.
28-505-110 ARIES-28-505-110 Datasheet
626Kb / 1P
   PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
18040 ARIES-18040 Datasheet
924Kb / 1P
   P/N 1110087 144-Pin VQFP-to-PGA Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com