Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK52PCS-PGA Datasheet(PDF) 5 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK52PCS-PGA
Description  PGA Adapter Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK52PCS-PGA Datasheet(HTML) 5 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK52PCS-PGA Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK52PCS-PGA Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK52PCS-PGA Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK52PCS-PGA Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK52PCS-PGA Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK52PCS-PGA Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
48 PIN PQFP TO 52 PIN GRID ARRAY
0.320"
0.180"
0.300"
1.600"
AK32D-QFP5X5
0.400"
0.01968"
(.5mm)
0.125"
0.110"
0.100"
32 PIN QFP 5 x 5mm TO DIP
PAGE 3 ACCUTEKMICRO.COM 5/2004 (PG03)
0.100"
80 PIN QFP TO 84 PIN GRID ARRAY
52 PIN PQFP TO PIN GRID ARRAY
0.100"
0.100"
84 PIN QFP TO 84 PIN GRID ARRAY
0.100"
32 PIN PLCC SOCKET TO PIN GRID ARRAY
0.100"
0.900"
0.900"
0.062"
0.205"
AK52PGA-48PQFP
TOP VIEW
BOTTOM VIEW
PIN #1
0,5mm
0.384" 0.276"
1.300"
1.300"
0.062"
0.205"
AK84PGA-80QFP
TOP VIEW
BOTTOM VIEW
0.900"
0.900"
0.062"
0.205"
AK52PGA-52PQFP
TOP VIEW
BOTTOM VIEW
0.579"
0.695"
0,65mm
PIN #1
PIN #1
0.422"
0.538"
0,65mm
1.300"
1.300"
0.062"
0.205"
AK84PGA-84QFP
TOP VIEW
BOTTOM VIEW
0,65mm
0.682"
0.800"
PIN #1
0.600"
0.700"
0.062"
0.205"
AK32PCS-PGA
(with PLCC Socket included)
TOP VIEW
BOTTOM VIEW
PIN #1
0.275"


Similar Part No. - AK52PCS-PGA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
   ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
logo
Assmann Electronics Inc...
AK52300-15-R ASSMANN-AK52300-15-R Datasheet
90Kb / 1P
   MINI DIN 6PIN FEMALE
AK526-3-R ASSMANN-AK526-3-R Datasheet
96Kb / 1P
   Extension Cable for 25 Pin Interface
AK528-5-R ASSMANN-AK528-5-R Datasheet
251Kb / 1P
   PS2 EXTENSION CABLE
AK528G-5-R ASSMANN-AK528G-5-R Datasheet
43Kb / 1P
   PS/2 Extension Cable, Straight, 5 Meters
More results

Similar Description - AK52PCS-PGA

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK28PCS-PGA ACCUTEK-AK28PCS-PGA_12 Datasheet
166Kb / 3P
   PGA Adapter Modules
logo
Aries Electronics, Inc.
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
   QFP-to-PGA Adapter
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
   QFP-to-PGA Adapter
1110087 ARIES-1110087 Datasheet
855Kb / 1P
   144-Pin VQFP-to-PGA Adapter
97-68340 ARIES-97-68340 Datasheet
534Kb / 1P
   144-Pin QFP-to-PGA Adapter
95-132I25 ARIES-95-132I25 Datasheet
880Kb / 1P
   QFP-to-PGA Adapter 0.025 [0.64] Pitch
logo
ACCUTEK MICROCIRCUIT CO...
AK14Z-N ACCUTEK-AK14Z-N_09 Datasheet
232Kb / 5P
   ZIP Adapter Modules
AK54256Z ACCUTEK-AK54256Z_09 Datasheet
81Kb / 2P
   DRAM Zip Adapter Modules
logo
Aries Electronics, Inc.
28-505-110 ARIES-28-505-110 Datasheet
626Kb / 1P
   PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
18040 ARIES-18040 Datasheet
924Kb / 1P
   P/N 1110087 144-Pin VQFP-to-PGA Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com