Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK632128AW Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK632128AW
Description  Static Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK632128AW Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK632128AW_09 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK632128AW_09 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART NUMBER CODING INTERPRETATION
Position
12345678
1
Product
AK
= Accutek Memory
2
Type
4 = Dynamic RAM
5 = CMOS Dynamic RAM
6 = Static RAM
3
Organization/Word Width
1 = by 1
16 = by 16
4 = by 4
32 = by 32
8 = by 8
36 = by 36
9 = by 9
4
Size/Bits Depth
64
= 64K
4096
= 4 MEG
256 = 256K
8192
= 8 MEG
1024 = 1 MEG
16384
= 16 MEG
5
Package Type
G = Single In-Line Package (SIP)
S = Single In-Line Module (SIM)
D = Dual In-Line Package (DIP)
W = .050 inch Pitch Edge Connect
Z = Zig-Zag In-Line Package (ZIP)
6
Special Designation
P = Page Mode
N = Nibble Mode
K = Static Column Mode
W = Write Per Bit Mode
V = Video Ram
7
Separator
- = Commercial 0
0Cto+700C
M = Military Equivalent Screened
(-55
0C to +1250C)
I = Industrial Temperature Tested
(-45
0Cto+850C)
X = Burned In
8
Speed (first two significant digits)
DRAMS
SRAMS
50 = 50 nS
8 =
8 nS
60 = 60 nS
10 =
10 nS
70 = 70 nS
12 =
12 nS
80 = 80 nS
15 =
15 nS
Top View ZIP
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibility
for the use of any circuitry described; no circuit patent licenses are im-
plied. Preliminary data sheets contain minimum and maximum limits
based upon design objectives, which are subject to change upon full
characterization over the specific operating conditions.
MECHANICAL DIMENSIONS
Inches
The numbers and coding on this page do not include all variations avail-
able but are show as examples of the most widely used variations.
Contact Accutek if other information is required.
EXAMPLES:
AK632128AW-10
128K x 32, 15 nSEC SRAM Module, SIM Configuration
AK632128AZ-12
128K x 32, 12 nSEC SRAM Module, ZIP Configuration


Similar Part No. - AK632128AW_09

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK632128AW-10 ACCUTEK-AK632128AW-10 Datasheet
107Kb / 2P
   131,072 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK632128AW_09

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
AK632128W ACCUTEK-AK632128W_09 Datasheet
93Kb / 2P
   Static Random Access Memory
AK632512W ACCUTEK-AK632512W_09 Datasheet
317Kb / 2P
   Static Random Access Memory
AK681024G ACCUTEK-AK681024G_09 Datasheet
184Kb / 2P
   Static Random Access Memory
AK632512AW ACCUTEK-AK632512AW_09 Datasheet
76Kb / 2P
   Static Random Access Memory
logo
National Semiconductor ...
93L415A NSC-93L415A Datasheet
120Kb / 5P
   STATIC RANDOM ACCESS MEMORY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com