Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB30MSH-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SB30MSH-B
Description  WIRE WRAPPING BITS & SLEEVES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SB30MSH-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SB30MSH-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
BITS AND SLEEVES CHAR T
( AW G ) INCHES
BITS AND SLEEVES CHAR T M ILLIMETRES
Maximum
Minimum
Maximum
Terminal
Terminal
Wire
Bit
Sleeve
Insulation
Terminal
Terminal
Hole
Effective
Hole
Gauge
Regular
Modified
Part No.
Part No.
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
mm
mm
mm
mm
mm
mm
mm
1.00
q
KB18
P194
1.52
1.85
25.40
3.81
1.90
0.80
q
WB20M
P194LN
1.50
1.07
1.85
25.40
3.81
1.90
0.65-0.80
q
KB2075
P2224
1.07
1.85
25.40
3.12
1.90
0.65
q
KB22LT
P2224
1.54
2.15
25.40
3.17
2.18
0.65
q
KB22
P2224
1.37
1.85
19.05
2.97
1.90
0.65
q
WB2275M
P2224
1.32
1.24
1.87
25.40
3.35
1.90
0.50-0.65
q
KB224LH
P2224
1.54
2.15
25.40
2.97
2.18
0.50-0.65
q
KB224-1
P2224
1.37
1.85
25.40
2.82
1.90
0.50-0.65
q
KB224
P2224
1.37
1.85
20.50
2.82
1.90
0.50-0.65
q
WB224M
P2224
1.27
1.24
1.87
31.75
3.07
1.90
0.50
q
*KB2444
P3032LN
0.60
1.09
25.40
2.10
1.11
0.50
q
WB24DH
P2224
1.17
1.37
1.85
44.50
2.97
1.90
0.50
q
KB24
P2426
1.39
1.87
19.05
2.54
1.90
0.50
q
*WB24SM
P3032LN
1.11
0.60
1.09
19.05
2.48
1.11
0.50
q
WB24DHM
P2224
1.27
1.24
1.72
28.50
2.99
1.75
0.40-0.50
q
WB2426M
P2224
1.17
1.37
1.85
19.05
2.99
1.90
0.40-0.50
q
KB2466
OK8519
1.37
1.65
25.40
2.48
1.67
0.40
q
*KB2639
P26LN
0.58
0.96
19.05
1.72
1.02
0.40
q
KB26
P2426
1.47
1.85
25.40
2.54
1.90
0.40
q
*WB26SM
P26LN
0.79
0.58
0.96
19.05
1.90
1.02
0.40
q
WB26M
P2224
1.17
1.37
1.85
25.40
2.99
1.90
0.40
q
*WB2644M
P3032LN
1.17
0.60
1.09
19.05
2.48
1.11
0.40
q
WB2669M
P2426
1.04
1.34
1.72
25.40
2.77
1.75
0.32
q
*WB28SHM
P3032
0.76
0.79
0.89
19.05
1.67
0.91
0.29-0.32
q
*WB2829M
P3032L
0.91
0.83
0.96
19.05
2.31
1.02
0.25
q
*SB30MSH-B
P3032
0.69
0.79
0.89
19.05
1.62
0.91
0.25
q
*SB30MMK
P3032
0.58
0.79
0.89
19.05
1.62
0.91
0.20-0.25
q
*WB3032M
P3032
0.69
0.86
0.96
19.05
1.62
1.02
* These tools are recommended for 0.63mm terminals on 2.54mm centres
WIRE WRAPPING
BITS & SLEEVES
Maximum
Minimum
Maximum
Terminal
Terminal
Wire
Bit
Sleeve
Insulation
Terminal
Terminal
Hole
Effective
Hole
Gauge
Regular
Modified
Part No.
Part No.
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
(AWG)
Inches
Inches
Inches
Inches
Inches
Inches
18
q
KB18
P194
.060
.073
1.00
.150
.075
20
q
WB20M
P194LN
.059
.042
.073
1.000
.150
.075
20-22
q
KB2075
P2224
.042
.073
1.000
.123
.075
22
q
KB22LT
P2224
.061
.085
1.000
.125
.086
22
q
KB22
P2224
.054
.073
.750
.117
.075
22
q
WB2275M
P2224
.052
.049
.074
1.000
.132
.075
22-24
q
KB224LH
P2224
.061
.085
1.000
.117
.086
22-24
q
KB224-1
P2224
.054
.073
1.000
.111
.075
22-24
q
KB224
P2224
.054
.073
.807
.111
.075
22-24
q
WB224M
P2224
.050
.049
.074
1.250
.121
.075
24
q
*KB2444
P3032LN
.024
.043
1.000
.083
.044
24
q
WB24DH
P2224
.046
.054
.073
1.750
.117
.075
24
q
KB24
P2426
.055
.074
.750
.100
.075
24
q
*WB24SM
P3032LN
.044
.024
.043
.750
.098
.044
24
q
WB24DHM
P2224
.050
.049
.068
1.125
.118
.069
24-26
q
WB2426M
P2224
.046
.054
.073
.750
.118
.075
24-26
q
KB2466
OK8519
.054
.065
1.000
.098
.066
26
q
*KB2639
P26LN
.023
.038
.750
.068
.040
26
q
KB26
P2426
.058
.073
1.000
.100
.075
26
q
*WB26SM
P26LN
.031
.023
.038
.750
.075
.040
26
q
WB26M
P2224
.046
.054
.073
1.000
.118
.075
26
q
*WB2644M
P3032LN
.046
.024
.043
.750
.098
.044
26
q
WB2669M
P2426
.041
.053
.068
1.000
.109
.069
28
q
WB2870M
P2426
.034
.053
.068
1.000
.103
.070
28-29
q
*WB2829M
P3032L
.036
.033
.038
.750
.091
.040
30
q
*SB30MSH-B
P3032
.027
.031
.035
.750
.064
.036
30
q
*SB30MMK
P3032
.023
.031
.035
.750
.064
.036
30-32
q
*WB3032M
P3032
.027
.034
.038
.750
.064
.040
*These tools are recommended for .025" square terminals on .100 centres
Fully compatible with any make or model wire wrapping tool,
except G100 and G200 manual tools, which are obsolete and
require special bits and sleeves.


Similar Part No. - SB30MSH-B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB30-03F SANYO-SB30-03F Datasheet
78Kb / 3P
   30V, 3A Rectifier
SB30-03P SANYO-SB30-03P Datasheet
67Kb / 2P
   30V, 3A Rectifier
SB30-03T SANYO-SB30-03T Datasheet
80Kb / 3P
   30V, 3A Rectifier
SB30-03Z SANYO-SB30-03Z Datasheet
70Kb / 2P
   30V, 3A Rectifier
SB30-04A SANYO-SB30-04A Datasheet
61Kb / 3P
   40V, 3.0A Rectifier
More results

Similar Description - SB30MSH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G100R3278 ETC2-G100R3278 Datasheet
619Kb / 8P
   Manual Wire Wrapping Tools Users Guide
P3032 ETC-P3032 Datasheet
237Kb / 1P
   Wire Wrapping Sleeve, 30-32 AWG
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
   Filter Media for QLM Sleeves
logo
Tyco Electronics
RPS-1K-22-18 MACOM-RPS-1K-22-18 Datasheet
266Kb / 2P
   RPS Commercial grade heat-shrinkable wire identification sleeves
D-SCE-5K-3.2-50-S1-4 MACOM-D-SCE-5K-3.2-50-S1-4 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
EC6504-000 MACOM-EC6504-000 Datasheet
5Mb / 85P
   TMS-SCE Military grade heat shrinkable wire identification sleeves
002308-000 MACOM-002308-000 Datasheet
5Mb / 85P
   HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
logo
Lapp.
LCK LAPP-LCK Datasheet
924Kb / 4P
   FLEXIMARK® Wrapping label LCK
06.12.2018
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com