Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5328192W Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK5328192W
Description  Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK5328192W Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK5328192W_09 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK5328192W_09 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK5328192W high density memory module is a
CMOS dynamic RAM organized in 8192K x 32 bit words. The mod-
ule consists of sixteen standard 4 Meg x 4 DRAMs in plastic SOJ
packages. The assembly has eight drams mounted on each side of
a printed circuit board in a 72 pad leadless SIM configuration.
This configuration allows socket-mounting of large quantities of
memory in applications where high density and ease of inserting ad-
ditional memory are important.
The operation of the AK5328192W is identical to sixteen 4M x 4
Drams. There are four CAS lines and four RAS lines. On each bank
of 4M x 32, independent byte control is accomplished by four CAS
lines. Each separate CAS line controls two 4M x 4 Drams to form an
8 bit byte. Two banks of 32 bits are controlled by the two pairs of
RAS lines. A sixteen bit data path can be produced by connecting
DQ0 to DQ16,DQ1 to DQ17, etc. and alternately strobing RAS0 with
RAS1 and RAS2 with RAS3.
FEATURES
· 8,388,608 x 32 bit organization
· 72 pad Single In-Line Module
· Multiple CAS and RAS lines allow x16 or x32 bit widths
· CAS-before-RAS, RAS-only or hidden refresh
· Power
5.32 Watt Max Active (60nS)
4.48 Watt Max Active (70 nS)
88 mW Max Standby
· Operating free air temperature 0
oCto70oC
· Single 5 Volt Power Supply
· 2048 Refresh Cycles, 32 mSEC
· 4096 Refresh Cycles, 64 mSEC available for all module sizes
· Available in Fast Page Mode and EDO
· Available in leadless (W) or leaded Zip (Z) versions
· Downward compatible with AK5324096, AK5322048,
AK5321024, AK532512 andAK532256
EXAMPLES
AK5328192WP-60
8 Meg x 32 CMOS Dynamic RAM, SIM, Page Mode, Commercial 60
nSEC Access Time
ACCUTEK
MICROCIRCUIT CORPORATION
AK5328192W
8,388,608 by 32 Bit CMOS
Dynamic Random Access Memory
+
+
72
1
PIN NOMENCLATURE
A0 -A10
Address Inputs
DQ0 -DQ31
Data In/Data Out
CAS0 - CAS3
Column Address Strobe
RAS0 - RAS3
Row Address Strobe
WE
Write Enable
OE
Output Enable
PD1 -PD4
Presence Detect
Vcc
5v Supply
Vss
Ground
NC
No Connect
MODULE OPTIONS
Leadless SIM: AK5328192W
Leaded ZIP: AK5328192Z
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
1
Vss
19
A10
37
NC
55
DQ11
2
DQ0
20
DQ4
38
NC
56
DQ27
3
DQ16
21
DQ20
39
Vss
57
DQ12
4
DQ1
22
DQ5
40
CAS0
58
DQ28
5
DQ17
23
DQ21
41
CAS2
59
Vcc
6
DQ2
24
DQ6
42
CAS3
60
DQ29
7
DQ18
25
DQ22
43
CAS1
61
DQ13
8
DQ3
26
DQ7
44
RAS0
62
DQ30
9
DQ19
27
DQ23
45
RAS1
63
DQ14
10
Vcc
28
A7
46
NC
64
DQ31
11
NC
29
NC
47
WE
65
DQ15
12
A0
30
Vcc
48
NC
66
NC
13
A1
31
A8
49
DQ8
67
PD1
14
A2
32
A9
50
DQ24
68
PD2
15
A3
33
RAS3
51
DQ9
69
PD3
16
A4
34
RAS2
52
DQ25
70
PD4
17
A5
35
NC
53
DQ10
71
NC
18
A6
36
NC
54
DQ26
72
Vss
Presence Detect -
-60
-70
PD1
NC
NC
PD2
Vss
Vss
PD3
NC
Vss
PD4
NC
NC


Similar Part No. - AK5328192W_09

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK5328192WP-60 ACCUTEK-AK5328192WP-60 Datasheet
76Kb / 2P
   8,388,608 by 32 Bit CMOS Dynamic Random Access Memory
More results

Similar Description - AK5328192W_09

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
AK532256AW ACCUTEK-AK532256AW_09 Datasheet
62Kb / 2P
   Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W_09 Datasheet
67Kb / 2P
   Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5324096W ACCUTEK-AK5324096W_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5362048BW ACCUTEK-AK5362048BW_09 Datasheet
83Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com