Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5362048BW Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK5362048BW
Description  Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK5362048BW Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK5362048BW Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK5362048BW Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUNCTIONAL DIAGRAM
MECHANICAL DIMENSIONS
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibil-
ity for the use of any circuitry described; no circuit patent licenses
are implied. Preliminary data sheets contain minimum and maxi-
mum limits based upon design objectives, which are subject to
change upon full characterization over the specific operating condi-
tions.
72
1
.750"
0.400"
0.250"
0.080"
CL
CL
CL
CL
0.125"
0.050"
TYP
4.250"
3.985"
0.330"
MAX
.125" DIA TOOLING HOLE


Similar Part No. - AK5362048BW

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK5362048BW ACCUTEK-AK5362048BW Datasheet
78Kb / 2P
   2,097,152 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5362048BW ACCUTEK-AK5362048BW Datasheet
71Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
AK5362048BW ACCUTEK-AK5362048BW Datasheet
77Kb / 2P
   2,097,152 Word by 36 Bit CMOS Dynamic Random Access Memory
More results

Similar Description - AK5362048BW

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
AK532256AW ACCUTEK-AK532256AW_09 Datasheet
62Kb / 2P
   Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W_09 Datasheet
67Kb / 2P
   Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5324096W ACCUTEK-AK5324096W_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com