Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-10G1-3AR6-T Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # V-10G1-3AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G1-3AR6-T Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button V-10G1-3AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 12Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 13Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 14Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 15Page - Omron Electronics LLC V-10G1-3AR6-T Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
V
V
122
Model
V-214-1
j6
V-164-1
j5
OF max.
2.45 N {250 gf}
1.23 N {125 gf}
RF min.
{g }
0.25 N {25 gf}
{g }
0.14 N {14 gf}
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
1.5 mm
OP
18.7
±1.2 mm
Model
V-114-1
j4
OF max.
0.59 N {60 gf}
RF min.
{g }
0.06 N {6 gf}
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
1.5 mm
OP
18.7
±1.2 mm
Model
V-215-1
j6
V-165-1
j5
OF max.
4.71 N {480 gf}
2.35 N {240 gf}
RF min.
{g }
0.49 N {50 gf}
{g }
0.49 N {50 gf}
PT max.
1.6 mm
OT min.
0.8 mm
MD max.
0.6 mm
OP
20.7
±0.6 mm
Model
V-115-1
j4
OF max.
1.18 N {120 gf}
RF min.
{g }
0.15 N {15 gf}
PT max.
1.6 mm
OT min.
0.8 mm
MD max.
0.6 mm
OP
20.7
±0.6 mm
Model
V-216-1
j6
V-166-1
j5
OF max.
2.45 N {250 gf}
1.23 N {125 gf}
RF min.
{g }
0.25 N {25 gf}
{g }
0.14 N {14 gf}
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
1.5 mm
OP
20.7
±1.2 mm
Model
V-116-1
j4
OF max.
0.59 N {60 gf}
RF min.
{g }
0.06 N {6 gf}
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
1.5 mm
OP
20.7
±1.2 mm
Simulated Roller Lever Models
V-214-1
j6
V-164-1
j5
V-114-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5
(see note)
t=0.8
Three, quick-connect
terminals (#250)
3.5R
32.6
±0.8
8.1
1.6
PT
OP
2.8
10.3
±0.1
22.2
±0.1
(12.0)
2.8
27.8
39.8
±0.8
0.6
2.8
4.3
10.3
Note:
Stainless-steel lever
2.8
15.9
19.1
8.4
A
Note:
1.
Stainless-steel lever
2.
Oilless polyacetar resin roller
Short Hinge Roller Lever Models
V-215-1
j6
V-165-1
j5
V-115-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5
(see
note 1)
4.8 dia.
× 4.8
(see note 2)
t=0.8
Three, quick-connect
terminals (#250)
20.1
8.1
1.6
PT
OP
2.8
10.3
±0.1
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
2.8
8.4
15.9
19.1
0.6
5.1
10.3
A
Hinge Roller Lever Models
V-216-1
j6
V-166-1
j5
V-116-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5
(see note 1)
4.8 dia.
× 4.8
(see note 2)
t=0.8
Three, quick-connect
terminals (#250)
34.0
±0.8
8.1
1.6
PT
OP
2.8
10.3
±0.1
22.2
±0.1
(12.0)
2.8
27.8
39.8
±0.8
2.8
19.1
0.6
5.1
10.3
15.9
8.4
Note:
1.
Stainless-steel lever
2.
Oilless polyacetar resin roller
A


Similar Part No. - V-10G1-3AR6-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-10G1-1A4-K OMRON-V-10G1-1A4-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G1-1A5-K OMRON-V-10G1-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G1-1A5-K OMRON-V-10G1-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G1-1C24-K OMRON-V-10G1-1C24-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G1-1C25-K OMRON-V-10G1-1C25-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-10G1-3AR6-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com