Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJC106M035H Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJC106M035H
Description  Standard Tantalum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC106M035H Datasheet(HTML) 3 Page - AVX Corporation

  TAJC106M035H Datasheet HTML 1Page - AVX Corporation TAJC106M035H Datasheet HTML 2Page - AVX Corporation TAJC106M035H Datasheet HTML 3Page - AVX Corporation TAJC106M035H Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJA476*002#
A
47
2.5
0.9
6
3
TAJA686*002#
A
68
2.5
1.4
8
1.5
TAJA107*002#
A
100
2.5
2.5
30
1.4
TAJB107*002#
B
100
2.5
2.5
8
1.4
TAJB157*002#
B
150
2.5
3
10
1.6
TAJB227*002#
B
220
2.5
4.4
16
1.6
TAJD227*002#
D
220
2.5
5.5
8
0.3
TAJD337*002#
D
330
2.5
8.2
8
0.3
TAJC477*002#
C
470
2.5
9.4
12
0.2
TAJD477*002#
D
470
2.5
11.6
8
0.2
TAJC687*002#
C
680
2.5
17.0
18
0.2
TAJD687*002#
D
680
2.5
17
16
0.2
TAJE687*002#
E
680
2.5
17
10
0.2
TAJD108M002#
D
1000
2.5
25
20
0.2
TAJE108*002#
E
1000
2.5
20
14
0.4
TAJD158*002#
D
1500
2.5
37.5
60
0.2
TAJE158*002#
E
1500
2.5
37
20
0.2
TAJV158*002#
V
1500
2.5
30
20
0.2
TAJV228*002#
V
2200
2.5
55
50
0.2
TAJA336*004#
A
33
4
1.3
6
3
TAJA476*004#
A
47
4
1.9
8
2.6
TAJA686*004#
A
68
4
2.7
10
1.5
TAJB686*004#
B
68
4
2.7
6
1.8
TAJA107*004#
A
100
4
4
30
1.4
TAJB107*004#
B
100
4
4
8
0.9
TAJB157*004#
B
150
4
6
10
1.5
TAJC157*004#
C
150
4
6
6
0.3
TAJB227M004#
B
220
4
8.8
12
1.1
TAJC227*004#
C
220
4
8.8
8
1.2
TAJD227*004#
D
220
4
8.8
8
0.9
TAJC337*004#
C
330
4
13.2
8
0.9
TAJD337*004#
D
330
4
13.2
8
0.9
TAJC477*004#
C
470
4
18.8
14
0.3
TAJD477*004#
D
470
4
18.8
12
0.9
TAJE477*004#
E
470
4
18.8
10
0.5
TAJD687*004#
D
680
4
27.2
14
0.5
TAJE687*004#
E
680
4
27.2
14
0.9
TAJD108*004#
D
1000
4
40
60
0.2
TAJE108*004#
E
1000
4
40
14
0.4
TAJV108*004#
V
1000
4
40
16
0.4
TAJE158*004#
E
1500
4
60
30
0.2
TAJV158M004#
V
1500
4
60
30
0.2
TAJA106*006#
A
10
6.3
0.6
6
4
TAJA156*006#
A
15
6.3
0.9
6
3.5
TAJA226*006#
A
22
6.3
1.4
6
3
TAJA336*006#
A
33
6.3
2.1
8
2.5
TAJA476*006#
A
47
6.3
2.8
10
1.6
TAJB476*006#
B
47
6.3
3
6
2
TAJC476*006#
C
47
6.3
3
6
1.6
TAJB686*006#
B
68
6.3
4
8
0.9
TAJC686*006#
C
68
6.3
4.3
6
1.5
TAJB107*006#
B
100
6.3
6.3
10
1.7
TAJC107*006#
C
100
6.3
6.3
6
0.9
TAJB157M006#
B
150
6.3
9.5
10
1.2
TAJC157*006#
C
150
6.3
9.5
6
1.3
TAJD157*006#
D
150
6.3
9.5
6
0.9
TAJC227*006#
C
220
6.3
13.9
8
1.2
TAJD227*006#
D
220
6.3
13.9
8
0.9
TAJE227*006#
E
220
6.3
13.9
8
0.9
TAJC337*006#
C
330
6.3
19.8
12
0.5
TAJD337*006#
D
330
6.3
20.8
8
0.9
TAJE337*006#
E
330
6.3
20.8
8
0.9
TAJD477*006#
D
470
6.3
28
12
0.4
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJE477*006#
E
470
6.3
28
10
0.4
TAJV477*006#
V
470
6.3
28
10
0.4
TAJE687*006#
E
680
6.3
42.8
10
0.5
TAJV687*006#
V
680
6.3
42.8
10
0.5
TAJV108M006#
V
1000
6.3
63
16
0.4
TAJA475*010#
A
4.7
10
0.5
6
5
TAJA685*010#
A
6.8
10
0.7
6
4
TAJA106*010#
A
10
10
1
6
3
TAJA156*010#
A
15
10
1.5
6
3.2
TAJB156*010#
B
15
10
1.5
6
2.8
TAJA226*010#
A
22
10
2.2
8
3
TAJB226*010#
B
22
10
2.2
6
2.4
TAJA336*010#
A
33
10
3.3
8
1.7
TAJB336*010#
B
33
10
3.3
6
1.8
TAJC336*010#
C
33
10
3.3
6
1.6
TAJB476*010#
B
47
10
4.7
8
1
TAJC476*010#
C
47
10
4.7
6
1.2
TAJB686*010#
B
68
10
6.8
6
1.4
TAJC686*010#
C
68
10
6.8
6
1.3
TAJB107M010# B
100
10
10
8
1.4
TAJC107*010#
C
100
10
10
8
1.2
TAJD107*010#
D
100
10
10
6
0.9
TAJC157*010#
C
150
10
15
8
0.9
TAJD157*010#
D
150
10
15
8
0.9
TAJE157*010#
E
150
10
15
8
0.9
TAJC227*010#
C
220
10
22
18
0.5
TAJD227*010#
D
220
10
22
8
0.5
TAJE227*010#
E
220
10
22
8
0.5
TAJD337*010#
D
330
10
33
8
0.9
TAJE337*010#
E
330
10
33
8
0.9
TAJV337*010#
V
330
10
33
10
0.9
TAJE477*010#
E
470
10
47
10
0.5
TAJV477*010#
V
470
10
47
10
0.5
TAJA225*016#
A
2.2
16
0.5
6
6.5
TAJA335*016#
A
3.3
16
0.5
6
5
TAJB335*016#
B
3.3
16
0.5
6
4.5
TAJA475*016#
A
4.7
16
0.8
6
4
TAJB475*016#
B
4.7
16
0.8
6
3.5
TAJA685*016#
A
6.8
16
1.1
6
3.5
TAJB685*016#
B
6.8
16
1.1
6
2.5
TAJA106*016#
A
10
16
1.6
8
3
TAJB106*016#
B
10
16
1.6
6
2.8
TAJC106*016#
C
10
16
1.6
6
2
TAJA156M016#
A
15
16
2.4
6
2
TAJB156*016#
B
15
16
2.4
6
2.5
TAJC156*016#
C
15
16
2.4
6
1.8
TAJB226*016#
B
22
16
3.5
6
2.3
TAJC226*016#
C
22
16
3.5
6
1.6
TAJD226*016#
D
22
16
3.5
6
1.1
TAJB336*016#
B
33
16
5.3
8
2.1
TAJC336*016#
C
33
16
5.3
6
1.5
TAJD336*016#
D
33
16
5.3
6
0.9
TAJC476*016#
C
47
16
7.5
6
1.4
TAJD476*016#
D
47
16
7.5
6
0.9
TAJC686*016#
C
68
16
10.9
6
1.3
TAJD686*016#
D
68
16
10.9
6
0.9
TAJC107*016#
C
100
16
16
8
1.0
TAJD107*016#
D
100
16
16
6
0.9
TAJE107*016#
E
100
16
16
6
0.9
TAJD157*016#
D
150
16
24
6
0.9
TAJE157*016#
E
150
16
24
8
0.3
TAJV157*016#
V
150
16
24
8
0.5
TAJE227*016#
E
220
16
35.2
10
0.5
TAJV227*016#
V
220
16
35.2
8
0.9
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating – Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead Plating
– Insert H for 7" reel and K for 13" reel
NOTE: AVX reserves the right to supply a
higher voltage rating or tighter tol-
erance part in the same case size,
to the same reliability standards.


Similar Part No. - TAJC106M035H

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC106M035HNJ AVX-TAJC106M035HNJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJC106M035HNJ AVX-TAJC106M035HNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M035HNJ AVX-TAJC106M035HNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M035HNJ AVX-TAJC106M035HNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M035HNJ AVX-TAJC106M035HNJ Datasheet
123Kb / 5P
   Standard Tantalum
More results

Similar Description - TAJC106M035H

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE226K035RNJ AVX-TAJE226K035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD226M035RNJ AVX-TAJD226M035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJC336K016RNJ AVX-TAJC336K016RNJ Datasheet
118Kb / 5P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com