Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV641DU90RZEN Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29LV641DU90RZEN
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641DU90RZEN Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29LV641DU90RZEN Datasheet HTML 1Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 2Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 3Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 4Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 5Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 6Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 7Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 8Page - Advanced Micro Devices AM29LV641DU90RZEN Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
Publication# 22366
Rev: B Amendment/+8
Issue Date: September 20, 2002
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29LV640D/Am29LV641D
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only
Uniform Sector Flash Memory with VersatileIO
 Control
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
— 3.0 to 3.6 volt read, erase, and program operations
s VersatileIO
 control
— Device generates output voltages and tolerates data
input voltages on the DQ input/ouputs as determined
by the voltage on V
IO
s High performance
— Access times as fast as 90 ns
s Manufactured on 0.23 µm process technology
s CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
s SecSi (Secured Silicon) Sector region
— 128-word sector for permanent, secure identification
through an 8-word random Electronic Serial Number
— May be programmed and locked at the factory or by
the customer
— Accessible through a command sequence
s Ultra low power consumption (typical values at 3.0 V,
5 MHz)
— 9 mA typical active read current
— 26 mA typical erase/program current
— 200 nA typical standby mode current
s Flexible sector architecture
— One hundred twenty-eight 32 Kword sectors
s Sector Protection
— A hardware method to lock a sector to prevent
program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically writes
and verifies data at specified addresses
s Compatibility with JEDEC standards
— Pinout and software compatible with single-power
supply Flash
— Superior inadvertent write protection
s Minimum 1 million erase cycle guarantee per sector
s Package options
— 48-pin TSOP (Am29LV641DH/DL only)
— 56-pin SSOP (Am29LV640DH/DL only)
— 63-ball Fine-Pitch BGA (Am29LV640DU only)
— 64-ball Fortified BGA (Am29LV640DU only)
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from, or
program data to, a sect27
— or that is not being erased, then resumes the erase
operation
s Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
s Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
s Ready/Busy# pin (RY/BY#) (Am29LV640DU in FBGA
package only)
— Provides a hardware method of detecting program or
erase cycle completion
s Hardware reset pin (RESET#)
— Hardware method to reset the device for reading array
data
s WP# pin (Am29LV641DH/DL in TSOP,
Am29LV640DH/DL in SSOP only)
— At V
IL, protects the first or last 32 Kword sector,
regardless of sector protect/unprotect status
— At V
IH, allows removal of sector protection
— An internal pull up to V
CC is provided
s ACC pin
— Accelerates programming time for higher throughput
during system production
s Program and Erase Performance (V
HH not applied to
the ACC input pin)
— Word program time: 11 µs typical
— Sector erase time: 0.9 s typical for each 32 Kword
sector


Similar Part No. - AM29LV641DU90RZEN

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV641D AMD-AM29LV641D Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV641DH120REF AMD-AM29LV641DH120REF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV641DH120REI AMD-AM29LV641DH120REI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV641DH120RFI AMD-AM29LV641DH120RFI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV641DH121REF AMD-AM29LV641DH121REF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
More results

Similar Description - AM29LV641DU90RZEN

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640D AMD-AM29LV640D_07 Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com