Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75701KTTRG3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75701KTTRG3
Description  TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75701KTTRG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS75701KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 9Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 10Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 11Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 12Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 13Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 14Page - Texas Instruments TPS75701KTTRG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t − Time −
µs
TPS75715
LOAD TRANSIENT RESPONSE
−100
0
060
40
20
80 100
140
120
160 180 200
0
50
−50
VO = 1.5 V
Co = 100 µF
−150
2
di
dt
+ 0.75 A
ms
4
Figure 14
100
150
Figure 15
TPS75733
LINE TRANSIENT RESPONSE
t − Time −
µs
150
100
50
200 250
350
300
400 450 500
0
−100
5.3
0
4.3
VO = 3.3 V
IO = 3 A
Co = 100 µF
50
−50
100
t − Time −
µs
TPS75733
LOAD TRANSIENT RESPONSE
4
60
40
20
80 100
140
120
160 180 200
0
100
200
0
VO = 3.3 V
Co = 100 µF
−100
2
0
di
dt
+ 0.75 A
ms
Figure 16
t − Time (Start-Up) − ms
0
3.3
0
0
4.3
0.2
1
0.4
0.6
0.8
TPS75733
OUTPUT VOLTAGE AND ENABLE VOLTAGE
vs
TIME (START-UP)
VI = 4.3 V
IO = 10 mA
TJ = 25°C
Figure 17


Similar Part No. - TPS75701KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75701KTTRG3 TI1-TPS75701KTTRG3 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75701KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI1-TPS75715_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com