Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75715KCG3 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS75715KCG3
Description  TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75715KCG3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS75715KCG3 Datasheet HTML 4Page - Texas Instruments TPS75715KCG3 Datasheet HTML 5Page - Texas Instruments TPS75715KCG3 Datasheet HTML 6Page - Texas Instruments TPS75715KCG3 Datasheet HTML 7Page - Texas Instruments TPS75715KCG3 Datasheet HTML 8Page - Texas Instruments TPS75715KCG3 Datasheet HTML 9Page - Texas Instruments TPS75715KCG3 Datasheet HTML 10Page - Texas Instruments TPS75715KCG3 Datasheet HTML 11Page - Texas Instruments TPS75715KCG3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2
Figure 2
IO − Output Current − A
TPS75733
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.330
3.270
3.315
3.285
3.255
13
3.345
0
VI = 4.3 V
TJ = 25°C
3.3
Figure 3
IO − Output Current − A
TPS75715
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.530
1.485
1.515
1.5
1.470
1.545
0
1.455
13
2
VI = 2.8 V
TJ = 25°C
TJ − Junction Temperature − °C
TPS75733
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
3.315
5
125
3.33
3.3
20
80
3.270
3.285
3.255
3.345
VI = 4.3 V
−40 −25
10
35
50
65
110
95
Figure 4
Figure 5
TJ − Junction Temperature − °C
TPS75715
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
1.470
1.485
1.530
1.5
1.455
VI = 2.8 V
1.515
1.545
−40
20
110
35
95
−25 −10
5
50
65
80
125


Similar Part No. - TPS75715KCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715KCG3 TI1-TPS75715KCG3 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75715KCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI1-TPS75715_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com