Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI10603 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10603
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10603 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10603 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 200 mA
35
V
BVCES
IC = 200 mA
65
V
BVEBO
IE = 10 mA
4.0
V
ICBO
VCB = 30 V
2.0
mA
hFE
VCE = 5.0 V
IC = 200 mA
5.0
---
---
COB
VCB = 30 V
f = 1.0 MHz
50
pF
GP
fT
VCE = 28 V
f = 150 MHz
VCE = 10 V
IC = 200 mA
f = 100 MHz
10
250
---
dB
MHz
NPN SILICON RF POWER TRANSISTOR
HF15-28S
DESCRIPTION:
The
ASI HF15-28S is Designed for
FEATURES:
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
4.0 A
VCBO
65 V
VCEO
35 V
VEBO
4.0 V
PDISS
40 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
4.4
OC/W
PACKAGE STYLE .380 4L STUD
ORDER CODE: ASI10603
MINIMUM
inches / mm
.004 / 0.10
.370 / 9.40
.320 / 8.13
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.330 / 8.38
.130 / 3.30
.007 / 0.18
inches / mm
H
.090 / 2.29
.100 / 2.54
DIM
.220 / 5.59
.230 / 5.84
.490 / 12.45
.450 / 11.43
I
J
.155 / 3.94
.175 / 4.45
.750 / 19.05
.980 / 24.89
.100 / 2.54
E
F
D
ØC
B
.112x45°
G
H
J
I
A
#8-32 UNC-2A
S
S
D
G


Similar Part No. - ASI10603

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10600 ASI-ASI10600 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10600 ASI-ASI10600 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10601 ASI-ASI10601 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10602 ASI-ASI10602 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10604 ASI-ASI10604 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10603

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com