Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C756-20 Datasheet(PDF) 2 Page - API Technologies Corp

Part # C756-20
Description  DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

C756-20 Datasheet(HTML) 2 Page - API Technologies Corp

  C756-20 Datasheet HTML 1Page - API Technologies Corp C756-20 Datasheet HTML 2Page - API Technologies Corp C756-20 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT
DIRECTIONAL COUPLER
SPECIFICATION
OCTAVE BAND, 6 to 30 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
Frequency
(GHz)
Coupling
(dB)
Flatness1
(dB)
VSWR2
max
Loss3
max
(dB)
Directivity
min
(dB)
Model
Number
7-12.4
6 ± 1
± .5
1.30
.5
15
C755-6
7-12.4
10 ± 1
± .5
1.30
.5
17
C755-10
7-12.4
20 ± 1
± .5
1.25
.5
17
C755-20
7-12.4
30 ± 1
± .5
1.25
.5
17
C755-30
12-18
6 ± 1
± .5
1.35/1.40
.8
15
C756-6
12-18
10 ± 1
± .5
1.35/1.40
.6
15
C756-10
12-18
20 ± 1
± .5
1.35/1.40
.6
15
C756-20
12-18
30 ± 1
± .5
1.35/1.40
.6
15
C756-30
6.5-18
6 ± 1
± .6
1.35/1.40
.8
15
C756E-6
6.5-18
10 ± 1
± .75
1.35/1.40
.6
15
C756E-10
6.5-18
20 ± 1
± .75
1.35/1.40
.6
15
C756E-20
6.5-18
30 ± 1
± .75
1.35/1.40
.6
15
C756E-30
Power Handling:
NOTES:
Average incident 100 W at 1 GHz
1. Flatness specifies the maximum coupling variation within the coupling range.
Average reflected Coupling (W)
2. Dual-valve entries indicate primary/secondary VSWR.
-6
2
3. Loss is the actual dissipated and reflected loss. It does NOT include coupling loss.
-10
5
-20
50
-30
50
Peak
(kW)
C751 through C754
3
C755 through C756
2
OUTLINE DRAWING


Similar Part No. - C756-20

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results

Similar Description - C756-20

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C756E-10 APITECH-C756E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756E-7 APITECH-C756E-7 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
07/07/10
C755-30 APITECH-C755-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754-20 APITECH-C754-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754E-6 APITECH-C754E-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753E-7 APITECH-C753E-7 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-20 APITECH-C752E-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756E-20 APITECH-C756E-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756E-30 APITECH-C756E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com