Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C755-20 Datasheet(PDF) 1 Page - API Technologies Corp

Part # C755-20
Description  DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

C755-20 Datasheet(HTML) 1 Page - API Technologies Corp

  C755-20 Datasheet HTML 1Page - API Technologies Corp C755-20 Datasheet HTML 2Page - API Technologies Corp C755-20 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DIRECTIONAL COUPLER
SPECIFICATION
OCTAVE BAND, 6 to 30 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
C750 SERIES
SPECIFICATIONS
Frequency
(GHz)
Coupling
(dB)
Flatness1
(dB)
VSWR2
max
Loss3
max
(dB)
Directivity
min
(dB)
Model
Number
0.5-1
6 ± 1
± .6
1.10
.15
25
C751-6
0.5-1
10 ± 1
± .75
1.10
.15
25
C751-10
0.5-1
20 ± 1
± .75
1.10
.15
25
C751-20
0.5-1
30 ± 1
± .75
1.10
.15
25
C751-30
1-2
6 ± 1
± .6
1.15
.2
25
C752-6
1-2
10 ± 1
± .75
1.15/1.10
.2
25
C752-10
1-2
20 ± 1
± .75
1.15/1.10
.2
25
C752-20
1-2
30 ± 1
± .75
1.15
.2
25
C752-30
1.3-2.6
6 ± 1
± .6
1.15
.2
24
C752E-6
1.3-2.6
10 ± 1
± .75
1.15
.2
24
C752E-10
1.3-2.6
20 ± 1
± .75
1.15
.2
24
C752E-20
1.3-2.6
30 ± 1
± .75
1.15
.2
24
C752E-30
2-4
6 ± 1
± .6
1.15
.2
22
C753-6
2-4
10 ± 1
± .75
1.15
.2
22
C753-10
2-4
20 ± 1
± .75
1.15
.2
22
C753-20
2-4
30 ± 1
± .75
1.15
.2
22
C753-30
2.6-5.2
6 ± 1
± .6
1.25
.25
20
C753E-6
2.6-5.2
10 ± 1
± .75
1.25
.25
20
C753E-10
2.6-5.2
20 ± 1
± .75
1.25
.25
20
C753E-20
4-8
6 ± 1
± .5
1.25
.25
18
C754-6
4-8
10 ± 1
± .5
1.25
.25
20
C754-10
4-8
20 ± 1
± .5
1.25
.25
20
C754-20
4-8
30 ± 1
± .5
1.25
.25
20
C754-30
4.8-9.6
6 ± 1
± .5
1.27
.35
18
C754E-6
4.8-9.6
10 ± 1
± .5
1.27
.35
18
C754E-10
4.8-9.6
20 ± 1
± .5
1.27
.35
18
C754E-20
4.8-9.6
30 ± 1
± .5
1.27
.35
18
C754E-30
NOTES: REFER TO PAGE 2
FEATURES
• 6, 10, 20 & 30 dB Standard Coupling Values
• Models from 0.5 to 18.0 GHz
• SMA Connectors
• Meet MIL-E-5400 Class 3 or Equivalent
• Screenable to MIL-C-15370 or Equivalent


Similar Part No. - C755-20

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C755-20 APITECH-C755-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-20 APITECH-C755-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-20 APITECH-C755-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-20 APITECH-C755-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-20 APITECH-C755-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results

Similar Description - C755-20

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C756E-10 APITECH-C756E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756E-7 APITECH-C756E-7 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
07/07/10
C756-30 APITECH-C756-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-30 APITECH-C755-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754-20 APITECH-C754-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754E-6 APITECH-C754E-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753E-7 APITECH-C753E-7 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-20 APITECH-C752E-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756E-20 APITECH-C756E-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756-20 APITECH-C756-20 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C756E-30 APITECH-C756E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com