Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C103K8GAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0402C103K8GAC
Description  Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C103K8GAC Datasheet(HTML) 4 Page - Kemet Corporation

  C0402C103K8GAC Datasheet HTML 1Page - Kemet Corporation C0402C103K8GAC Datasheet HTML 2Page - Kemet Corporation C0402C103K8GAC Datasheet HTML 3Page - Kemet Corporation C0402C103K8GAC Datasheet HTML 4Page - Kemet Corporation C0402C103K8GAC Datasheet HTML 5Page - Kemet Corporation C0402C103K8GAC Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Ratings & Part Number Table - 0603 Case Size
Capacitance
Value (pF)
KEMET Part Number
Voltage
Capacitance
Tolerance
Thickness - mm
(inches)
Qty
7" Reel
Qty
13" Reel
12000
C0603C123_8GAC
10
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
15000
C0603C153_8GAC
10
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
12000
C0603C123_4GAC
16
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
15000
C0603C153_4GAC
16
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
12000
C0603C123_3GAC
25
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
15000
C0603C153_3GAC
25
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2200
C0603C222_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2400
C0603C242_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2700
C0603C272_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3000
C0603C302_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3300
C0603C332_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3600
C0603C362_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3900
C0603C392_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
4300
C0603C432_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
4700
C0603C472_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
5100
C0603C512_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
5600
C0603C562_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
6200
C0603C622_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
6800
C0603C682_5GAC
50
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
360
C0603C361_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
390
C0603C391_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
430
C0603C431_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
470
C0603C471_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
510
C0603C511_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
560
C0603C561_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
620
C0603C621_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
680
C0603C681_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
750
C0603C751_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
820
C0603C821_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
910
C0603C911_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1000
C0603C102_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1100
C0603C112_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1200
C0603C122_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1300
C0603C132_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1500
C0603C152_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1600
C0603C162_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
1800
C0603C182_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2000
C0603C202_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2200
C0603C222_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2400
C0603C242_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
2700
C0603C272_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3000
C0603C302_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3300
C0603C332_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3600
C0603C362_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
3900
C0603C392_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
4300
C0603C432_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000
4700
C0603C472_1GAC
100
F, G, J, K, M
0.80 (0.031) ± 0.07 (0.003)
4,000
10,000


Similar Part No. - C0402C103K8GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C103K8PACTU KEMET-C0402C103K8PACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm X5R, 0.01 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C103K8RACAUTO KEMET-C0402C103K8RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C103K8RACTU KEMET-C0402C103K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-10% Tol, 10 V, X7R, 0402 (1005 metric)
More results

Similar Description - C0402C103K8GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1210C184K3HAC KEMET-C1210C184K3HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com