Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKCM6432T Datasheet(PDF) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AKCM6432T
Description  512KB SECONDARY CACHE MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AKCM6432T Datasheet(HTML) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AKCM6432T Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 7Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 8Page - ACCUTEK MICROCIRCUIT CORPORATION AKCM6432T Datasheet HTML 9Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc3
Supply Voltage
3.146
3.3
3.6
V
Vcc5
Supply Voltage
4.75
5
5.25
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
-
Vcc + 0.3
V
VIL
Input Low Voltage
-0.5(1)
-
0.8
V
NOTE:
1. VIL = -1.0V for pulse width less than 5ns, once per cycle
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Power Plane
Ambient Temperature
GND
VCC
Vcc3
00C to +700C
0V
3.3V +10/-5%
Vcc5
00C to +700C
0V
5.0V +/- 5%
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VTERM
Terminal Voltage with Respect
-0.5 to
V
to GND
Vcc + 0.5
VTERM
Terminal Voltage with Respect
-0.5 to +4.6
V
for Vcc3
to GND (Vcc terminals only)
TA
Operating Temperature
0 to +70
0C
TBIAS
Temperature Under Bias
-10 to +85
0C
TSTG
Storage Temperature
-55 to +125
0C
IOUT
DC Output Current
50
mA
SRAM ACCESS TIMES
Module Speed
Asych
Burst (1)
Tag
66MHZ
15nS
8.0nS
15nS
NOTE:
1. Burst SRAMS are measured by Clock to Data Out (tCD)
CAPACITANCE(1,2)
(TA = +250C, f = 1.0 MHZ)
Symbol
Parameter(1
Condition
Value
Unit
CIN1
Input Capacitance
VIN = 0V
30
pF
(Address)
CIN3
Input Capacitance
VIN = 0V
25
pF
(OE#)
CIN4
Input Capacitance
VIN = 0V
8
pF
(WE#, TWE#)
CI/O
I/O Capacitance
VOUT = 0V
20
pF
NOTES:
1. These parameters are guaranteed by design but not tested
2. These parameters are maximum values


Similar Part No. - AKCM6432T

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AKC ARCH-AKC Datasheet
392Kb / 5P
   AC-DC Power Module
AKC-12D ARCH-AKC-12D Datasheet
392Kb / 5P
   AC-DC Power Module
AKC-12S ARCH-AKC-12S Datasheet
392Kb / 5P
   AC-DC Power Module
AKC-12S ARCH-AKC-12S Datasheet
252Kb / 4P
   AC-DC Power Module
AKC-15D ARCH-AKC-15D Datasheet
392Kb / 5P
   AC-DC Power Module
More results

Similar Description - AKCM6432T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
   256KB Secondary Cache Module
logo
Integrated Device Techn...
IDT7MPV6253 IDT-IDT7MPV6253 Datasheet
84Kb / 7P
   256KB AND 512KB SECONDARY CACHE MODULES FOR THE PowerPCO
logo
Motorola, Inc
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com