Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3152EIUZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3152EIUZ-T
Description  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3152EIUZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3152EIUZ-T Datasheet HTML 1Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 2Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 3Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 4Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 5Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 6Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 7Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 8Page - Intersil Corporation ISL3152EIUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN6363.2
July 30, 2009
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A-B ≥ -50mV, RO is high; If A-B ≤ -200mV, RO is low; RO = High if A and B are unconnected
(floating) or shorted.
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when
DE is low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and
output Z low.
GND
Ground connection.
A/Y
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting receiver input and non inverting driver
output. Pin is an input if DE = 0; pin is an output if DE = 1.
B/Z
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting receiver input and inverting driver output. Pin is
an input if DE = 0; pin is an output if DE = 1.
A
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting receiver input.
B
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting receiver input.
Y
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting driver output.
Z
±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting driver output.
VCC
System power supply input (4.5V to 5.5V).
NC
No Connection.
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1
101
X
1
010
0
0
X
High-Z
High-Z
10
X
High-Z*
High-Z*
NOTE: *Shutdown Mode (See Note 11).
RECEIVING
INPUTS
OUTPUT
RE
DE
Half
Duplex
DE
Full
Duplex
A-B
RO
00
X
≥ -0.05V
1
00
X
≤ -0.2V
0
0
0
X
Inputs
Open/Shorted
1
10
0
X
High-Z*
11
1
X
High-Z
NOTE: *Shutdown Mode (See Note 11).
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Similar Part No. - ISL3152EIUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3152EIUZ-T RENESAS-ISL3152EIUZ-T Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIUZ-T7A RENESAS-ISL3152EIUZ-T7A Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3152EIUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com