Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1964 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ISD1964
Description  SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD1964 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ISD1964 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1964 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ISD1900
Publication Release Date: Jan 5, 2009
Revision 0.51
9
PIN NAME
PIN #
I / O
FUNCTION
SP+
15
O
Depending on the derivative selected, it could be:
SP+: Positive signal of the differential Class-D PWM speaker outputs. This
output, together with the SP-, is used to drive an 8Ω speaker directly.
Or,
AUX out: single-ended voltage output.
VSSP1
16
I
Ground: Ground for positive PWM speaker driver.
AGC
17
I
Automatic Gain Control (AGC): The AGC adjusts the gain of the
preamplifier dynamically to compensate for the wide range of microphone
input levels. The AGC allows the full range of signals to be recorded with
minimal distortion. The AGC is designed to operate with a nominal
capacitor of 4.7 µF connected to this pin.
Connecting this pin to ground (VSSA) provides maximum gain to the
preamplifier circuitry. Conversely, connecting this pin to the power supply
(VCCA) provides minimum gain to the preamplifier circuitry.
MIC+: Non-inverting input of the differential microphone signal.
MIC+ / AnaIn
18
I
AnaIn: When FT
¯¯ is selected, the MIC+ input is configured to a single-ended
input with 1Vp-p maximum input amplitude and feed-through to the speaker
outputs.
MIC- / NC
19
I
MIC-: Inverting input of the differential microphone signal. While FT
¯¯ is
enabled, MIC- pin is disabled and must be floated.
Rosc
20
I
Oscillator Resistor: Connect an external resistor from this pin to VSSA to
select the internal sampling frequency.
VCCA
21
I
Analog Power Supply: Power supply for analog circuits.
LED
¯¯¯¯
22
O
LED output: During recording, this output is Low. Also, LED
¯¯¯¯ pulses Low
momentarily at the end of playback.
PlayE
¯¯¯¯¯: In Address Mode, low active input, edge-trigger playback from start
to end addresses & toggle on-off. Debounce & internal pull-up existed.
PlayE
¯¯¯¯¯/FMC2
23
I
FMC2: When Direct Mode is active, FMC2, together with FMC1 & FMC3,
setup various fixed-message configurations.
REC
¯¯¯¯: In Address Mode, level-hold (after 1 sec holding) or edge-trigger
(toggle on-off), low active, recording from start to end addresses. Debounce
& internal pull-up existed.
REC
¯¯¯¯/ R
¯¯/P
24
I
R
¯¯/P ( When Direct Mode is active):
• When R
¯¯/P is set to Low, level-hold record operation is selected.
When R
¯¯/P is set to High, edge-trigger & toggle on-off playback operation is
selected.
External Clock: In Address Mode, low active and level-hold input. As XCLK
¯¯¯¯¯
activated, Rosc pin accepts external clock input signal, provided resistor at
Rosc must be removed. Connecting this pin to High enables device running
on internal clock via Rosc resistor. If not used, XCLK
¯¯¯¯¯ must be at high level.
XCLK
¯¯¯¯¯/FMC3
25
I
When Direct Mode is active, FMC3, together with FMC1 & FMC2, setup
various fixed-message configurations.
FT
¯¯
26
I
Feed-Through: Low active input, Level-hold, debounce & Internal pull-up
required. When FT
¯¯ is selected, the MIC+ input is configured to a single-
ended input with 1Vp-p maximum input amplitude and feed-through to the
speaker outputs.


Similar Part No. - ISD1964

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1964 NUVOTON-ISD1964 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results

Similar Description - ISD1964

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com