Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101-ADJ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL80101-ADJ
Description  High Performance 1A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101-ADJ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL80101-ADJ Datasheet HTML 1Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 2Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 3Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 4Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 5Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 6Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 7Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 8Page - Intersil Corporation ISL80101-ADJ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL80101
4
FN6931.1
August 31, 2011
Absolute Maximum Ratings
Thermal Information
VIN Relative to GND (Note 5). . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VOUT Relative to GND (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
PG, ENABLE, SENSE, SS
Relative to GND (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
ESD Rating
Human Body Model (Tested per JESD22 A114F) . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22 A115C) . . . . . . . . . . . . . . . . . 250V
Latch Up (Tested per JESD78C, Class 2, Level A) . . . . . ±100mA at +85°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
10 Ld DFN Package (Notes 6, 7) . . . . . . . .
48
7
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions (Notes 8, 9)
Junction Temperature Range (TJ) (Note 8) . . . . . . . . . . . .-40°C to +125°C
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V to 6V
VOUT Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mV to 5V
PG, ENABLE, SENSE/ADJ, SS relative to GND . . . . . . . . . . . . . . . . 0V to 6V
PG Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. Absolute maximum voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. Extended operation at these conditions may compromise reliability. Exceeding these limits will result in damage. Recommended operating conditions
define limits where specifications are guaranteed.
9. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 2.2µF, TJ = +25°C. Applications
must follow thermal guidelines of the package to determine worst case junction temperature. Please refer to “Applications Information” on
page 8 and Tech Brief TB379. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS
DC CHARACTERISTICS
DC Output Voltage Accuracy
VOUT
VOUT + 0.4V < VIN < 6V, 0A < ILOAD < 1A
-1.8
1.8
%
DC Input Line Regulation
ΔVOUT/
ΔVIN
VOUT + 0.4V < VIN < 6V
1
%
DC Output Load Regulation
ΔVOUT/
ΔIOUT
0A < ILOAD < 1A, All voltage options
-1
%
Ground Pin Current
IQ
ILOAD = 0A, 2.2V < VIN < 6V
3
5
mA
ILOAD = 1A, 2.2V < VIN < 6V
5
7
mA
Ground Pin Current in Shutdown
ISHDN
ENABLE Pin = 0.2V, VIN = 6V
0.2
12
µA
Dropout Voltage (Note 11)VDO
ILOAD = 1A, VOUT = 2.5V
130
212
mV
Output Short Circuit Current
OCP
VOUT = 0V, 2.2V < VIN < 6V
1.75
A
Thermal Shutdown Temperature
TSD
2.2V < VIN < 6V
160
°C
Thermal Shutdown Hysteresis
(Rising Threshold)
TSDn
2.2V < VIN < 6V
30
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
PSRR
f = 1kHz, ILOAD = 1A; VIN = 2.2V
58
dB
f = 120Hz, ILOAD = 1A; VIN = 2.2V
72
dB
Output Noise Voltage
ILOAD = 1A, BW = 10Hz < f < 100kHz
63
µVRMS
ENABLE PIN CHARACTERISTICS
Turn-on Threshold
2.2V < VIN < 6V
0.3
0.8
1
V
Hysteresis (Rising Threshold)
2.2V < VOUT + 0.4V < 6V
10
80
200
mV


Similar Part No. - ISL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
747Kb / 12P
   High Performance 1A LDO
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
More results

Similar Description - ISL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com