Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL80101A
Description  High Performance 1A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL80101A Datasheet HTML 1Page - Intersil Corporation ISL80101A Datasheet HTML 2Page - Intersil Corporation ISL80101A Datasheet HTML 3Page - Intersil Corporation ISL80101A Datasheet HTML 4Page - Intersil Corporation ISL80101A Datasheet HTML 5Page - Intersil Corporation ISL80101A Datasheet HTML 6Page - Intersil Corporation ISL80101A Datasheet HTML 7Page - Intersil Corporation ISL80101A Datasheet HTML 8Page - Intersil Corporation ISL80101A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL80101
2
FN6931.1
August 31, 2011
Block Diagram
Ordering Information
REFERENCE
+
SOFT-START
CONTROL
LOGIC
THERMAL
SENSOR
FET DRIVER
WITHCURRENT
LIMIT
-
+
EA
VIN
EN
GND
VOUT
+
-
PG
PG
ADJ
SS
SENSE
PART NUMBER
(Notes 1, 3, 4)
PART MARKING
VOUT VOLTAGE
(Note 2)
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG DWG. #
ISL80101IR18Z
DZEB
1.8V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR25Z
DZFB
2.5V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR33Z
DZGB
3.3V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR50Z
DZHB
5.0V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101EVAL2Z
Evaluation Board
NOTES:
1. Add “-T*” for Tape and Reel. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL80101. For more information on MSL please see Technical Brief
TB363.


Similar Part No. - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101A INTERSIL-ISL80101A Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com