Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG734BRU Datasheet(PDF) 10 Page - Analog Devices

Part # ADG734BRU
Description  CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG734BRU Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG734BRU Datasheet HTML 4Page - Analog Devices ADG734BRU Datasheet HTML 5Page - Analog Devices ADG734BRU Datasheet HTML 6Page - Analog Devices ADG734BRU Datasheet HTML 7Page - Analog Devices ADG734BRU Datasheet HTML 8Page - Analog Devices ADG734BRU Datasheet HTML 9Page - Analog Devices ADG734BRU Datasheet HTML 10Page - Analog Devices ADG734BRU Datasheet HTML 11Page - Analog Devices ADG734BRU Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
ADG733/ADG734
–10–
* IN1–4 FOR ADG734
GND
VDD
ADG733/
ADG734
VOUT
CL
1nF
VS
RS
D
S
VDD
VSS
VSS
VIN
EN*
VOUT
3V
VOUT
LOGIC
INPUT (VIN)
QINJ = CL
VOUT
0V
Test Circuit 7. Charge Injection
VS
VOUT
50
NETWORK
ANALYZER
RL
50
IN
GND
VIN
S
D
50
OFF ISOLATION = 20 LOG
VOUT
VS
VDD
0.1 F
VDD
VSS
0.1 F
VSS
Test Circuit 8. Off Isolation
CHANNEL-TO-CHANNEL
CROSSTALK = 20 LOG
GND
VDD
0.1 F
VDD
VSS
0.1 F
VSS
SA
D
SB
VS
VOUT
NETWORK
ANALYZER
RL
50
IN
VOUT
VS
50
R
50
Test Circuit 9. Channel-to-Channel Crosstalk
VS
VOUT
50
NETWORK
ANALYZER
RL
50
IN
GND
VIN
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VDD
0.1 F
VDD
VSS
0.1 F
VSS
Test Circuit 10. Bandwidth


Similar Part No. - ADG734BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG734BRU AD-ADG734BRU Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG734BRU AD-ADG734BRU Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com