Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708TANZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM708TANZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708TANZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM708TANZ Datasheet HTML 7Page - Analog Devices ADM708TANZ Datasheet HTML 8Page - Analog Devices ADM708TANZ Datasheet HTML 9Page - Analog Devices ADM708TANZ Datasheet HTML 10Page - Analog Devices ADM708TANZ Datasheet HTML 11Page - Analog Devices ADM708TANZ Datasheet HTML 12Page - Analog Devices ADM708TANZ Datasheet HTML 13Page - Analog Devices ADM708TANZ Datasheet HTML 14Page - Analog Devices ADM708TANZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 11 of 16
POWER-FAIL COMPARATOR
INPUT
POWER
TO MICROPROCESSOR NMI
R3
3.3V
The power-fail comparator is an independent comparator that
can be used to monitor the input power supply. The inverting
input of the comparator is internally connected to a 1.25 V
reference voltage. The noninverting input is available at the PFI
input. This input is used to monitor the input power supply via
a resistive divider network. When the voltage on the PFI input
drops below 1.25 V, the comparator output (PFO) goes low,
indicating a power failure. For early warning of power failure,
the comparator is used to monitor the preregulator input simply
by choosing an appropriate resistive divider network. The PFO
output is used to interrupt the processor so that a shutdown
procedure is implemented before the power is lost.
INPUT
POWER
R1
R2
POWER-FAIL
INPUT
1.25V
PFI
PFO
POWER-FAIL
OUTPUT
ADM706P/ADM706R/
ADM706S/ADM706T/
ADM708R/ADM708S/
ADM708T
Figure 17. Power-Fail Comparator
ADDING HYSTERESIS TO THE POWER-FAIL
COMPARATOR
For increased noise immunity, hysteresis can be added to the
power-fail comparator. Because the comparator circuit is
noninverting, hysteresis is added simply by connecting a resistor
between the PFO output and the PFI input as shown in
.
When
Figure 18
PFO is low, Resistor R3 sinks current from the summing
junction at the PFI pin. When PFO is high, Resistor R3 sources
current into the PFI summing junction. This results in differing
trip levels for the comparator. Further noise immunity is achieved
by connecting a capacitor between PFI and GND.
VCC
R1
R2
1.25V
PFI
PFO
ADM663A
+
3.3V
0V
0V VL
VIN
VH
PFO
ADM706P/ADM706R/
ADM706S/ADM706T/
ADM708R/ADM708S/
ADM708T
Figure 18. Adding Hysteresis to the Power-Fail Comparator
×
+
+
=
R1
R3
R2
R3
R2
V
H
1
25
.
1
+
=
R3
V
R2
R1
V
CC
L
25
.
1
25
.
1
25
.
1
+
=
R2
R2
R1
V
MID
25
.
1
VALID RESET BELOW 1 V VCC
The ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/
ADM708T are guaranteed to provide a valid reset level with VCC
as low as 1 V. Refer to the Typical Performance Characteristics
section. As VCC drops below 1 V, the internal transistor does not
have sufficient drive to hold it on so the voltage on RESET is no
longer held at 0 V. A pull-down resistor, as shown in
, can
be connected externally to hold the line low if it is required.
Figure 19
GND
RESET
R1
ADM706R/ADM706S/
ADM706T/ADM708R/
ADM708S/ADM708T
Figure 19. RESET Valid Below 1 V


Similar Part No. - ADM708TANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708TANZ AD-ADM708TANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM708TANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com