Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708TAR-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADM708TAR-REEL
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708TAR-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADM708TAR-REEL Datasheet HTML 1Page - Analog Devices ADM708TAR-REEL Datasheet HTML 2Page - Analog Devices ADM708TAR-REEL Datasheet HTML 3Page - Analog Devices ADM708TAR-REEL Datasheet HTML 4Page - Analog Devices ADM708TAR-REEL Datasheet HTML 5Page - Analog Devices ADM708TAR-REEL Datasheet HTML 6Page - Analog Devices ADM708TAR-REEL Datasheet HTML 7Page - Analog Devices ADM708TAR-REEL Datasheet HTML 8Page - Analog Devices ADM708TAR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MANUAL RESET INPUT
MR Pull-Up Current (MR = 0 V)
25
70
250
μA
VRST (max) < VCC < 3.6 V
100
250
600
μA
4.5 V < VCC < 5.5 V
MR Pulse Width
500
ns
VRST (max) < VCC < 3.6 V
150
ns
4.5 V < VCC < 5.5 V
MR INPUT THRESHOLD
VIL
0.6
V
VRST (max) < VCC < 3.6 V
VIH
0.7 × VCC
V
VRST (max) < VCC < 3.6 V
VIL
0.8
V
4.5 V < VCC < 5.5 V
VIH
2.0
V
4.5 V < VCC < 5.5 V
MR TO RESET OUTPUT DELAY
750
ns
VRST (max) < VCC < 3.6 V
250
ns
4.5 V < VCC < 5.5 V
POWER-FAIL INPUT
PFI Input Threshold
1.2
1.25
1.3
V
ADM70xP/ADM70xR, VCC = 3 V
ADM70xS/ADM70xT, VCC = 3.3 V, PFI falling
PFI Input Current
−25
+0.01
+25
nA
PFO OUTPUT VOLTAGE
VOH
0.8 × VCC
V
VRST (max) < VCC < 3.6 V, ISOURCE = 500 μA
VOL
0.3
V
VRST (max) < VCC < 3.6 V, ISINK = 1.2 mA
VOH
VCC − 1.5 V
V
4.5 V < VCC < 5.5 V, ISOURCE = 800 μA
VOL
0.4
V
4.5 V < VCC < 5.5 V, ISINK = 3.2 mA


Similar Part No. - ADM708TAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708TAR-REEL AD-ADM708TAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM708TAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com