Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708TAR-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADM708TAR-REEL
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708TAR-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM708TAR-REEL Datasheet HTML 6Page - Analog Devices ADM708TAR-REEL Datasheet HTML 7Page - Analog Devices ADM708TAR-REEL Datasheet HTML 8Page - Analog Devices ADM708TAR-REEL Datasheet HTML 9Page - Analog Devices ADM708TAR-REEL Datasheet HTML 10Page - Analog Devices ADM708TAR-REEL Datasheet HTML 11Page - Analog Devices ADM708TAR-REEL Datasheet HTML 12Page - Analog Devices ADM708TAR-REEL Datasheet HTML 13Page - Analog Devices ADM708TAR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
CIRCUIT INFORMATION
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
INPUT (WDI)
POWER-FAIL
INPUT (PFI)
POWER-FAIL
WATCHDOG
OUTPUT (WDO)
RESET,
(P = RESET)
Rev. C | Page 10 of 16
OUTPUT (PFO)
*VOLTAGE REFERENCE = 2.63V (P/R), 2.93V (S), 3.08V (T)
RESET AND
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
70μA
VCC
WATCHDOG
TIMER
VREF*
1.25V
ADM706P/ADM706R/
ADM706S/ADM706T
Figure 13. ADM706 Functional Block Diagram
1.25V
POWER-FAIL
INPUT (PFI)
RESET
* VOLTAGE REFERENCE = 2.63V (R), 2.93V (S), 3.08V (T)
RESET
GENERATOR
MR
VCC
70μA
VCC
RESET
VREF*
POWER-FAIL
OUTPUT (PFO)
ADM708R/ADM708S/
ADM708T
Figure 14. ADM708 Functional Block Diagram
POWER-FAIL RESET
The reset output provides a reset (RESET or RESET) output
signal to the microprocessor whenever the VCC input is below
the reset threshold. The actual reset threshold voltage is dependent
on whether a P, R, S, or T suffix device is used. An internal timer
holds the reset output active for 200 ms after the voltage on VCC
rises above the threshold. This is intended as a power-on reset
signal for the microprocessor. It allows time for both the power
supply and the microprocessor to stabilize after power-up. If a
power supply brownout or interruption occurs, the reset line is
similarly activated and remains active for 200 ms after the supply
recovers. If another interruption occurs during an active reset
period, the reset timeout period continues for an additional 200 ms.
The reset output is guaranteed to remain valid with VCC as low
as 1 V. This ensures that the microprocessor is held in a stable
shutdown condition as the power supply starts up.
The ADM706P provides an active high RESET signal; the
ADM706R/ADM706S/ADM706T provide an active low RESET
signal; and the ADM708R/ADM706S/ADM706T provide both
RESET and RESET.
MANUAL RESET
The MR input allows other reset sources, such as a manual reset
switch, to generate a processor reset. The input is effectively
debounced by the timeout period (200 ms typical). The MR
input is TTL-/CMOS-compatible; it can also be driven by any
logic reset output. If unused, the MR input can be tied high or
left floating.
VRT
MR EXTERNALLY
DRIVEN LOW
VCC
RESET
MR
WDO
VRT
tRS
tRS
NOTES
RESET = COMPLEMENT OF RESET
Figure 15. RESET, MR, and WDO Timing
WATCHDOG TIMER (ADM706x)
The watchdog timer circuit is used to monitor the activity of the
microprocessor to check that it is not stalled in an indefinite loop.
An output line on the processor is used to toggle the watchdog
input (WDI) line. If this line is not toggled within the timeout
period (1.6 seconds), the watchdog output (WDO) is driven low.
The WDO output is connected to a nonmaskable interrupt (NMI)
on the processor. Therefore, if the watchdog timer times out, an
interrupt is generated. The interrupt service routine is used to
rectify the problem.
The watchdog timer is cleared either by a high-to-low or by a
low-to-high transition on WDI. Pulses as narrow as 50 ns are
detected. The timer is also cleared by RESET/RESET going
active. Therefore, the watchdog timeout period begins after
reset goes inactive.
When VCC falls below the reset threshold, WDO is forced low
whether or not the watchdog timer has timed out. Normally,
this generates an interrupt, but it is overridden by RESET/RESET
going active.
tWP
WDI
WDO
RESET
tRS
RESET EXTERNALLY
TRIGGERED BY MR
tWD
tWD
tWD
Figure 16. Watchdog Timing


Similar Part No. - ADM708TAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708TAR-REEL AD-ADM708TAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM708TAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com