Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7252F-TR Datasheet(PDF) 11 Page - Rohm

Part # BU7252F-TR
Description  Low Voltage CMOS Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7252F-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU7252F-TR Datasheet HTML 7Page - Rohm BU7252F-TR Datasheet HTML 8Page - Rohm BU7252F-TR Datasheet HTML 9Page - Rohm BU7252F-TR Datasheet HTML 10Page - Rohm BU7252F-TR Datasheet HTML 11Page - Rohm BU7252F-TR Datasheet HTML 12Page - Rohm BU7252F-TR Datasheet HTML 13Page - Rohm BU7252F-TR Datasheet HTML 14Page - Rohm BU7252F-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
Schematic diagram
Test circuit1 NULL method
VDD,VSS,EK,Vicm, Unit : [V]
Parameter
VF
S1
S2
S3
VDD
VSS
EK
Vicm
Calculation
Input offset voltage
VF1
ON
ON
OFF
3
0
-0.1
0.3
1
VF2
-0.3
Large signal voltage gain
VF3
ON
ON
ON
3
0
-2.7
0.3
2
VF4
0
Common-mode rejection ratio
(Input common-mode voltage range)
VF5
ON
ON
OFF
3
0
-0.1
3
3
VF6
1.8
Power supply rejection ratio
VF7
ON
ON
OFF
5.5
0
-0.1
0.3
4
Calculation-
1. Input offset Voltage (Vio)
2. Large signal voltage gain (Av)
3. Common-mode rejection ratio (CMRR)
4. Power supply rejection ratio (PSRR)
VDD
Rf
50[kΩ]
S1
Ri=1[MΩ]
RS=50[Ω]
S2
RL
S3
500[kΩ]
500[kΩ]
0.01[µF]
RK
EK
RK
+15[V]
-15[V]
NULL
VF
DUT
VSS
Ri=1[MΩ]
RS=50[Ω]
50[kΩ]
Vicm
0.47[µF]
0.1[uF]
0.1[uF]
Fig.2 Test Circuit 1 (one channel only)
Vio =
|VF1|
1+Rf/Rs
[V]
Fig.1 Simplified schematic


Similar Part No. - BU7252F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7252F ROHM-BU7252F Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Similar Description - BU7252F-TR

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com