Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP432AS25RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SP432AS25RGB
Description  Low Voltage Adjustable Precision Shunt Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP432AS25RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SP432AS25RGB Datasheet HTML 1Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 2Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 3Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 4Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 5Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 6Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 7Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 8Page - SYNC POWER Crop. SP432AS25RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2013/03/12
Ver.6
Page 1
SP432
Low Voltage Adjustable Precision Shunt Regulators
DESCRIPTION
APPLICATIONS
The SP432 is low-voltage three-terminal adjustable
voltage references, with specified thermal stability
over applicable industrial and commercial temperature
ranges. Output voltage can be set to any value between
VREF (1.24V) and 20V with two external resistors.
These devices have a typical output impedance of
0.25Ω. Active output circuitry provides a very sharp
turn-on characteristic, making the SP432 excellent
replacements for low-voltage Zener diodes in many
applications,
including
onboard
regulation
and
adjustable power supplies.
Battery Power Equipment
Linear Regulators
Switch Power Supply
Cellular Phone
Digital Cameras
Computer Disk Drivers
Instrumentation
FEATURES
Low-Voltage Operation --- Down to 1.24 V
Adjustable Output Voltage, VO = Vref to 20 V
Low Operational Cathode Current --- 80uA ( Typ)
0.25Ω Typical Output Impedance
PIN CONFIGURATION
SOT-23
TO-92
SOT-23-5L
SOT-353 ( SC-70 )
PART MARKING
SOT-23
TO-92
SOT-23-5L
SOT-353 ( SC-70 )


Similar Part No. - SP432AS25RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP432AS25RG SYNC-POWER-SP432AS25RG Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - SP432AS25RGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com