Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP432BS25RGB Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SP432BS25RGB
Description  Low Voltage Adjustable Precision Shunt Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP432BS25RGB Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SP432BS25RGB Datasheet HTML 1Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 2Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 3Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 4Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 5Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 6Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 7Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 8Page - SYNC POWER Crop. SP432BS25RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2013/03/12
Ver.6
Page 4
SP432
Low Voltage Adjustable Precision Shunt Regulators
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise specified)
Parameter
Symbol
Value
Unit
Cathode Voltage
VZ
20
V
Continuous Cathode Current
IZ
100
mA
Reference Current
IREF
3
mA
Operation Junction Temperature
Range
TJ
-40 ~ +150
Storage Temperature Range
TSTG
-65 ~ +150
Lead Temperature Range
(Soldering
10sec.)
TSOL
260
Thermal Resistance
ӨJA
TO-92
140
/W
SOT-23
206
SOT-23-5L
206
SOT-353
252
The IC has a protection circuit against static electricity. Do not apply high static electricity or high voltage that
exceeds the performance of the protection circuit to the IC.
ELECTRICAL CHARACTERISTICS
(TA=25℃ , Unless otherwise specified)
SP432AS23RG
&
SP432AS25RG
&
SP432AS35RG
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
VZ = VREF
IZ = 10mA
TA=25℃
1.234
1.24
1.246
V
TA=-40
~+80
1.222
1.258
VREF Temp Deviation
VDEV
TA=-40
~+80
VZ = VREF , IZ = 10mA
10
25
mV
Ratio of change in VREF to change
in Cathode voltage
VREF /
VZ
IZ = 10mA
VZ = 16V ~ VREF
-1.0
-2.7
mV / V
Reference Input
Current
IREF
R1=10KΩ , R2 = ∞ ,
IZ = 10mA
0.15
0.5
uA
IREF Temp Deviation
IREF(DEV)
TA=-40
~+80
R1=10KΩ , R2 = ∞ ,
IZ = 10mA
0.1
0.4
uA
Off state Cathode Current
IZ(OFF)
VREF = 0V
VZ
=
6V
0.5
1.0
uA
VZ
=
12V
Dynamic output impedance
RZ
f < 1KHZ , VZ = VREF
IZ = 1mA ~ 100mA
0.25
0.4
Minimum Operation Current
IZ(MIN)
VZ = VREF
30
80
uA


Similar Part No. - SP432BS25RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP432BS25RG SYNC-POWER-SP432BS25RG Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results

Similar Description - SP432BS25RGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com