Electronic Components Datasheet Search |
|
BU7252SF-E2 Datasheet(PDF) 3 Page - Rohm |
|
BU7252SF-E2 Datasheet(HTML) 3 Page - Rohm |
3 / 17 page 3/16 0 10 20 30 40 50 -60 -30 0 30 60 90 120 AM BIENT TEM PERATURE [℃] ● Example of electrical characteristics ○ BU7251 family (*) The above date is ability value of sample, it is not guaranteed. BU7251G:-40[℃] to+85[℃] BU7251SG:-40[℃] to+105[℃] 0 2 4 6 8 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 OUTPUT VOLTAGE [V] 0 10 20 30 40 50 60 12 3 4 56 SUPPLY VOLTAGE [V] Fig.3 Supply Current – Supply Voltage 25℃ -40℃ 85℃ 105℃ BU7251 family 0 200 400 600 800 050 100 150 AMBIENT TEMPERATURE [℃] BU7251SG BU7251 family Fig.2 Derating Curve 1.8V 5.5V 3.0V Fig.4 Supply Current – Ambient Temperature BU7251 family 0 2 4 6 123 4 5 6 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ 105℃ Fig.5 Output Voltage High – Supply Voltage (RL=10[kΩ]) BU7251 family 0 2 4 6 8 -60 -30 0 30 60 90 120 AMBIENT TEMPERATURE [℃] 1.8V 5.5V 3.0V Fig.6 Output Voltage High – Ambient Temperature (RL=10[kΩ]) BU7251 family 0 1 2 3 4 5 -60 -30 0 30 60 90 120 AMBIENT TEMPERATURE [℃] 1.8V 5.5V 3.0V Fig.10 Output Source Current – Ambient Temperature (VOUT=VDD-0.4[V]) BU7251 family 0 10 20 30 40 50 -60 -30 0 30 60 90 120 AMBIENT TEMPERATURE [℃] Fig.8 Output Voltage Low – Ambient Temperature (RL=10[kΩ]) 1.8V 5.5V 3.0V BU7251 family -40℃ 25℃ 85℃ 105℃ Fig.9 Output Source Current – Supply Voltage (VDD=3[V]) BU7251 family 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 OUTPUT VOLTAGE [V] -40℃ 25℃ 85℃ 105℃ BU7251 family Fig.11 Output Sink Current – Output Voltage (VDD=3[V]) 0 5 10 15 20 -60 -30 0 306090 120 AMBIENT TEMPERATURE [℃] 5.5V 1.8V 3.0V BU7251 family Fig.12 Output Sink Current – Ambient Temperature (VOUT=VSS+0.4[V]) 0 10 20 30 40 50 123456 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ 105℃ BU7251 family Fig.7 Output Voltage Low – Supply Voltage (RL=10[kΩ]) 0 200 400 600 800 0 50 100 150 AMBIENT TEMPERATURE [℃] BU7251G BU7251 family Fig.1 Derating Curve |
Similar Part No. - BU7252SF-E2 |
|
Similar Description - BU7252SF-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |