Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3406 Datasheet(PDF) 6 Page - SYNC POWER Crop.

Part # SP3406
Description  600mA Buck Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP3406 Datasheet(HTML) 6 Page - SYNC POWER Crop.

  SP3406 Datasheet HTML 1Page - SYNC POWER Crop. SP3406 Datasheet HTML 2Page - SYNC POWER Crop. SP3406 Datasheet HTML 3Page - SYNC POWER Crop. SP3406 Datasheet HTML 4Page - SYNC POWER Crop. SP3406 Datasheet HTML 5Page - SYNC POWER Crop. SP3406 Datasheet HTML 6Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2012/11/15
V. 1
Page 6
SP3406
600mA Buck Converter
Information provided is alleged to be exact and consistent.
SYNC Power Corporation presumes no responsibility
for the penalties of use of such information or for any violation of patents or other rights of third parties, which may
result from its use.
No license is granted by allegation or otherwise under any patent or patent rights of SYNC
Power Corporation.
Conditions mentioned in this publication are subject to change without notice.
This
publication surpasses and replaces all information previously supplied.
SYNC Power Corporation products are
not authorized for use as critical components in life support devices or systems without express written approval of
SYNC Power Corporation.
©The SYNC Power logo is a registered trademark of SYNC Power Corporation
©2012 SYNC Power Corporation – Printed in Taiwan – All Rights Reserved
SYNC Power Corporation
7F-2, No.3-1, Park Street
NanKang District (NKSP), Taipei, Taiwan, 115, R.O.C
Phone: 886-2-2655-8178
Fax: 886-2-2655-8468
http://www.syncpower.com


Similar Part No. - SP3406

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Sipex Corporation
SP34063AEN SIPEX-SP34063AEN Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063AEN-L EXAR-SP34063AEN-L Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-TR EXAR-SP34063AEN-TR Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results

Similar Description - SP3406

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
   40V, 600MA, 1MHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com