Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7036DCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADUC7036DCPZ
Description  Integrated Precision Battery Sensor for Automotive
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7036DCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUC7036DCPZ Datasheet HTML 2Page - Analog Devices ADUC7036DCPZ Datasheet HTML 3Page - Analog Devices ADUC7036DCPZ Datasheet HTML 4Page - Analog Devices ADUC7036DCPZ Datasheet HTML 5Page - Analog Devices ADUC7036DCPZ Datasheet HTML 6Page - Analog Devices ADUC7036DCPZ Datasheet HTML 7Page - Analog Devices ADUC7036DCPZ Datasheet HTML 8Page - Analog Devices ADUC7036DCPZ Datasheet HTML 9Page - Analog Devices ADUC7036DCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
ADuC7036
Rev. C | Page 6 of 132
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE REFERENCE
ADC Precision Reference
Internal VREF
1.2
V
Power-Up Time1
0.5
ms
Initial Accuracy1
Measured at TA = 25°C
−0.15
+0.15
%
Temperature Coefficient1, 21
−20
±5
+20
ppm/°C
Reference Long-Term Stability22
100
ppm/1000 hr
External Reference Input Range23
0.1
1.3
V
VREF Divide-by-2 Initial Error1
0.1
0.3
%
ADC Low Power Reference
Internal VREF
1.2
V
Initial Accuracy
Measured at TA = 25°C
−5
+5
%
Initial Accuracy1
Using ADCREF, measured at TA = 25°C
0.1
%
Temperature Coefficient1, 21
−300
±150
+300
ppm/°C
ADC DIAGNOSTICS
VREF/1361
At any gain settings
8.5
9.4
mV
Voltage Attenuator Current
Source1
Differential voltage increase on the attenuator
when the current source is on, temperature range =
−40°C to +85°C
3.1
3.8
V
RESISTIVE ATTENUATOR
Divider Ratio
24
Resistor Mismatch Drift
3
ppm/°C
ADC GROUND SWITCH
Resistance
Direct path to ground
10
Ω
Resistance1
20 kΩ resistor selected
10
20
30
Input Current
Allowed contunious current through the switch
with direct path to ground
6
mA
TEMPERATURE SENSOR24
After user calibration
Accuracy
MCU in power-down or standby mode
±3
°C
MCU in power-down or standby mode,
temperature range = −25°C to +65°C
±2
°C
POWER-ON RESET (POR)
POR Trip Level
Refers to voltage at VDD pin
2.85
3
3.15
V
POR Hysteresis
300
mV
Reset Timeout from POR
20
ms
LOW VOLTAGE FLAG (LVF)
LVF Level
Refers to voltage at VDD pin
1.9
2.1
2.3
V
POWER SUPPLY MONITOR (PSM)
PSM Trip Level
Refers to voltage at VDD pin
6
V
WATCHDOG TIMER (WDT)
Timeout Period1
32.768 kHz clock, 256 prescale
0.008
512
sec
Timeout Step Size
7.8
ms
FLASH/EE MEMORY1
Endurance25
10,000
Cycles
Data Retention26
20
Years
DIGITAL INPUTS
All digital inputs except NTRST
Input Leakage Current
Input high = REG_DVDD
±1
±10
μA
Input Pull-Up Current
Input low = 0 V
−80
−20
−10
μA
Input Capacitance
10
pF
Input Leakage Current
NTRST only: input low = 0 V
±1
±10
μA
Input Pull-Down Current
NTRST only: input high = REG_DVDD
30
55
100
μA


Similar Part No. - ADUC7036DCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuC7036DCPZ AD-ADuC7036DCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADuC7036DCPZ-RL AD-ADuC7036DCPZ-RL Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
More results

Similar Description - ADUC7036DCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com