Electronic Components Datasheet Search |
|
SPN3456ST6RG Datasheet(PDF) 3 Page - SYNC POWER Crop. |
|
SPN3456ST6RG Datasheet(HTML) 3 Page - SYNC POWER Crop. |
3 / 8 page 2013/08/12 Ver.2 Page 3 SPN3456 N-Channel Enhancement Mode MOSFET ELECTRICAL CHARACTERISTICS (TA=25 Unless otherwis ℃ e noted) Parameter Symbol Conditions Min. Typ Max. Unit Static Drain-Source Breakdown Voltage V(BR)DSS VGS=0V,ID=250uA 30 V Gate Threshold Voltage VGS(th) VDS=VGS,ID=250uA 1.0 3.0 Gate Leakage Current IGSS VDS=0V,VGS=±20V ±100 nA Zero Gate Voltage Drain Current IDSS VDS=24V,VGS=1.0V 1 uA VDS=24V,VGS=0.0V TJ=55℃ 10 On-State Drain Current ID(on) VDS≧4.5V,VGS=4.5V 10 A Drain-Source On-Resistance RDS(on) VGS = 10V,ID=6.0A 0.030 0.040 Ω VGS =4.5V,ID=5.0A 0.040 0.050 Forward Transconductance gfs VDS=4.5V,ID=5.4A 12 S Diode Forward Voltage VSD IS=1.7A,VGS=0V 0.8 1.2 V Dynamic Total Gate Charge Qg VDS=15VGS=10V ID≡6.7A 10 18 nC Gate-Source Charge Qgs 1.6 Gate-Drain Charge Qgd 3.2 Input Capacitance Ciss VDS=15VGS=0V f=1MHz 450 pF Output Capacitance Coss 240 Reverse Transfer Capacitance Crss 38 Turn-On Time td(on) VDD=15RL=15 ID≡1.0A,VGEN=10 RG=6Ω 7 15 ns tr 10 20 Turn-Off Time td(off) 20 40 tf 11 20 |
Similar Part No. - SPN3456ST6RG |
|
Similar Description - SPN3456ST6RG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |