Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-071K8L Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RC0603FR-071K8L
Description  GENERAL PURPOSE CHIP RESISTORS RC0603 RoHS compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603FR-071K8L Datasheet(HTML) 6 Page - YAGEO Corporation

  RC0603FR-071K8L Datasheet HTML 1Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 2Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 3Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 4Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 5Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 6Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 7Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 8Page - YAGEO Corporation RC0603FR-071K8L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
6
9
SERIES
RC
0603 (RoHS Compliant)
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
At +25/–55 °C and +25/+125 °C
Temperature
Coefficient of
Resistance
(T.C.R.)
IEC 60115-1 4.8
Formula:
T.C.R= ------------------------- ×106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Refer to table 2
Life/Endurance
IEC 60115-1 4.25.1
1,000 hours at 70±5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
±(1.0%+0.05 Ω) for 1% tol.
±(3.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper
High
Temperature
Exposure/
Endurance at
Upper Category
Temperature
IEC 60068-2-2
1,000 hours at 155±5 °C, unpowered
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
<50 mΩ for Jumper
Moisture
Resistance
MIL-STD-202G Method-106G
Each temperature / humidity cycle is defined at 8
hours, 3 cycles / 24 hours for 10d. with 25 °C /
65 °C 95% R.H, without steps 7a & 7b,
unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24±2 hours after test conclusion
±(0.5%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper
Thermal Shock
MIL-STD-202G Method-107G
-55/+125 °C
Number of cycles required is 300. Devices
unmounted
Maximum transfer time is 20 seconds. Dwell time
is 15 minutes. Air – Air
±(0.5%+0.05 Ω) for 1% tol.
±(1%+0.05 Ω) for 5% tol.
<50 mΩ for Jumper
Short Time
Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum overload
voltage whichever is less for 5 sec at room
temperature
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
<50 mΩ for Jumper
No visible damage
Table 4 Test condition, procedure and requirements
R2–R1
R1(t2–t1)


Similar Part No. - RC0603FR-071K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603FR-071K YAGEO-RC0603FR-071K Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC0603FR-071K5L ETC2-RC0603FR-071K5L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
logo
Texas Instruments
RC0603FR-071KL TI1-RC0603FR-071KL Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Recom International Pow...
RC0603FR-071KL RECOM-RC0603FR-071KL Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
Infineon Technologies A...
RC0603FR-071KL INFINEON-RC0603FR-071KL Datasheet
731Kb / 26P
   iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
More results

Similar Description - RC0603FR-071K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603FR-071R2L YAGEO-RC0603FR-071R2L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS RoHS compliant
RC0402FR-07240RL YAGEO-RC0402FR-07240RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS RoHS compliant & Halogen Free
RC0805FR-07150KL YAGEO-RC0805FR-07150KL Datasheet
315Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS RC0805 RoHS compliant
RC1206FR-0768KL YAGEO-RC1206FR-0768KL Datasheet
301Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS RC1206 RoHS compliant
RC1206FR-072M2L YAGEO-RC1206FR-072M2L Datasheet
301Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS RC1206 RoHS compliant
RC0805FR-0733KL YAGEO-RC0805FR-0733KL Datasheet
315Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS RC0805 RoHS compliant
RC1218FK-071RL YAGEO-RC1218FK-071RL Datasheet
297Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS RoHS compliant & Halogen Free
logo
WALSIN TECHNOLOGY CORPO...
WR02X_TR WALSIN-WR02X_TR Datasheet
236Kb / 7P
   RoHS compliant and Lead content 100ppm General purpose chip resistors
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com