Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040B Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM4040B
Description  Precision Micro-Power Shunt Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040B Datasheet(HTML) 2 Page - ON Semiconductor

  LM4040B Datasheet HTML 1Page - ON Semiconductor LM4040B Datasheet HTML 2Page - ON Semiconductor LM4040B Datasheet HTML 3Page - ON Semiconductor LM4040B Datasheet HTML 4Page - ON Semiconductor LM4040B Datasheet HTML 5Page - ON Semiconductor LM4040B Datasheet HTML 6Page - ON Semiconductor LM4040B Datasheet HTML 7Page - ON Semiconductor LM4040B Datasheet HTML 8Page - ON Semiconductor LM4040B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM4040, LM4041
http://onsemi.com
2
Figure 1. Test Circuit
VR
VIN
RS
LM4040
LM4041
Table 1. PIN DESCRIPTIONS
Pin
Name
Function
SOT−23
SC−70
1
3
V+
Positive voltage
2
1
V−
Negative voltage
3
2
NC
This pin must be left floating or connected to V−.
4
NIC
No Internal Connection. A voltage or signal applied to this pin will have no effect.
5
NIC
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Reverse Current
20
mA
Forward Current
10
mA
Junction Temperature
150
°C
Power Dissipation
SOT−23−3
300
mW
Power Dissipation
SC−70−5
240
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
IREVERSE
0.06 − 15
mA
Ambient Temperature Range
−40 to +85
°C
Table 4. ESD SUSCEPTABILITY
Symbol
Parameter
Min
Units
ESD
Human Body Model
2000
V
Machine Model
200
V


Similar Part No. - LM4040B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040B ZETEX-LM4040B Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Silicon Supplies
LM4040B-1.2 SS-LM4040B-1.2 Datasheet
594Kb / 4P
   Voltage Reference
Rev 1.1 28/07/22
LM4040B-10 SS-LM4040B-10 Datasheet
421Kb / 4P
   Voltage Reference
Rev 1.0 26/10/23
LM4040B-2.5 SS-LM4040B-2.5 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
LM4040B-4.1 SS-LM4040B-4.1 Datasheet
595Kb / 4P
   Voltage Reference
Rev 1.1 29/07/22
More results

Similar Description - LM4040B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com