Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT573ADWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT573ADWR2G
Description  Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT573ADWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT573ADWR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT573ADWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 12
1
Publication Order Number:
MC74HCT573A/D
MC74HCT573A
Octal 3-State Noninverting
Transparent Latch with
LSTTL Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT573A is identical in pinout to the LS573. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High−Speed CMOS inputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. When Latch Enable goes
low, data meeting the setup and hold times becomes latched.
The Output Enable input does not affect the state of the latches, but
when Output Enable is high, all device outputs are forced to the
high−impedance state. Thus, data may be latched even when the
outputs are not enabled.
The HCT573A is identical in function to the HCT373A but has the
Data Inputs on the opposite side of the package from the outputs to
facilitate PC board layout.
Output Drive Capability: 15 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 10 mA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7 A
Chip Complexity: 234 FETs or 58.5 Equivalent Gates
— Improved Propagation Delays
— 50% Lower Quiescent Power
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC74HCT573ANG
PDIP−20
18 / Rail
MC74HCT573ADWR2G
SOIC−20
1000 / Reel
MC74HCT573ADTR2G TSSOP−20 2500 / Reel
MC74HCT573AFELG
SOEIAJ−20 2000 / Reel
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
HCT573A
AWLYYWWG
HCT
573A
ALYWG
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HCT573A
AWLYWWG
1
1
1
20
1
20
20
20
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HCT573AN
AWLYYWWG
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - MC74HCT573ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
More results

Similar Description - MC74HCT573ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_06 Datasheet
162Kb / 7P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2006 ??Rev. 11
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
74HCT245DTR2G ONSEMI-74HCT245DTR2G Datasheet
105Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com