Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT595ADTG Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HCT595ADTG
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT595ADTG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HCT595ADTG Datasheet HTML 3Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 4Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 5Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 6Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 7Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 8Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 9Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 10Page - ON Semiconductor MC74HCT595ADTG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC74HCT595A
http://onsemi.com
10
PACKAGE DIMENSIONS
0.25 (0.010)
T
B
A
M
S
S
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
9.80
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
10.00
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.386
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.229
0.010
0.393
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
1
8
9
16
−A
−B
D 16PL
K
C
G
−T
SEATING
PLANE
R X 45°
M
J
F
P 8 PL
0.25 (0.010)
B
M
M
SOIC−16
D SUFFIX
CASE 751B−05
ISSUE J
6.40
16X
0.58
16X
1.12
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
16
89
8X


Similar Part No. - MC74HCT595ADTG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT541 MOTOROLA-MC74HCT541 Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
MC74HCT541A MOTOROLA-MC74HCT541A Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
More results

Similar Description - MC74HCT595ADTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_14 Datasheet
142Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
August, 2014 ??Rev. 7
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
   8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
Hitachi Semiconductor
HD74HC589 HITACHI-HD74HC589 Datasheet
55Kb / 10P
   8-bit Serial of Parallel-input/Serial-output Shift Register(with 3-state outputs)
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com