Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

923-4N0C-12B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 923-4N0C-12B
Description  BACKPLANE MODULES, VERTICAL MALE HEADER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

923-4N0C-12B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  923-4N0C-12B Datasheet HTML 1Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 2Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 3Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 4Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 5Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 6Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 7Page - List of Unclassifed Manufacturers 923-4N0C-12B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - 923-4N0C-12B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9230-00-RC BOURNS-9230-00-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9230-02-RC BOURNS-9230-02-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9230-04-RC BOURNS-9230-04-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9230-06-RC BOURNS-9230-06-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9230-08-RC BOURNS-9230-08-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
More results

Similar Description - 923-4N0C-12B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
951-4L0C-10H AMPHENOL-951-4L0C-10H Datasheet
4Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
951-4M0C-10H AMPHENOL-951-4M0C-10H Datasheet
4Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
logo
Amphenol Communications...
C-940-600B-500 AMPHENOLCS-C-940-600B-500 Datasheet
8Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER XCEDE PLUS, 6 PAIR, 6 POSITION
Rev A
C-974-400B-500 AMPHENOLCS-C-974-400B-500 Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER X2, 4 PAIR, NO-XG, 6 POSITION
Rev 7.0
logo
Molex Electronics Ltd.
0761551318 MOLEX1-0761551318_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header
0761559106 MOLEX1-0761559106_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 4 Pair Vertical Backplane Header
logo
Wurth Elektronik GmbH &...
61900811121 WURTH-61900811121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
6190XX11121 WURTH-6190XX11121 Datasheet
215Kb / 1P
   2.54 MM MALE VERTICAL LOCKING HEADER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com